Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM2-RARA2-M2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # ABM2-RARA2-M2
Description  Final Control Elements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ABM2-RARA2-M2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  ABM2-RARA2-M2 Datasheet HTML 1Page - M-System Co.,Ltd. ABM2-RARA2-M2 Datasheet HTML 2Page - M-System Co.,Ltd. ABM2-RARA2-M2 Datasheet HTML 3Page - M-System Co.,Ltd. ABM2-RARA2-M2 Datasheet HTML 4Page - M-System Co.,Ltd. ABM2-RARA2-M2 Datasheet HTML 5Page - M-System Co.,Ltd. ABM2-RARA2-M2 Datasheet HTML 6Page - M-System Co.,Ltd. ABM2-RARA2-M2 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: ABM2
ABM2 SPECIFICATIONS
ES-2622 Rev.5 Page 3/7
https://www.m-system.co.jp/
■ Remote output switching: External contact closure
switches the ABM2 to MAN mode when the CAS-MAN
selector is at CAS position (Not switched with MAN position.
Refer to the table 1)
Sensing (open): Approx. 4.5 V DC
ON voltage: ≤ 1 V DC
ON resistance: ≤ 10 kΩ
OFF voltage: ≥ 2.6 V DC
OFF resistance: ≥ 49.9 kΩ
[Table 1]
REMOTE COMMAND
INDICATOR LED
CAS LED
(RED)
MAN LED
(RED)
ON
MAN Mode
MAN Mode
OFF
CAS Mode
MAN Mode
OUTPUT SPECIFICATIONS
MV output
Conformance range:
• A1: -15 to +115 %
• A2: 0 to 100 %
■ Positioning Output:
Rated load: 240 V AC or 30 V DC @ 1 A (resistive load)
For maximum relay life with inductive loads, external
protection is recommended.
Mechanical life: 5 × 107 cycles
Maximum switching voltage: 250 V AC or 125 V DC (0.2 A)
(resistive load)
Maximum switching power: 250 VA or 30 W (DC) (resistive
load)
■ Manual status output: Photo MOS relay
Rating: 240 V AC or 30 V DC @ 100 mA
ON resistance: 25 Ω
Permissible: 400 mW
INSTALLATION
Power consumption
•AC: (with max. load)
Approx. 4 VA at 100 V
Approx. 5.5 VA at 100 V
Approx. 6.5 VA at 264 V
•DC: Approx. 2 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Mounting: Panel flush mounting
Weight: Approx. 300 g (0.66 lb)
PERFORMANCE in percentage of span
Accuracy: Input + output conversion accuracy
•Input conversion accuracy: ±0.2 %
•Mv output accuracy: ±0.5 %
Display accuracy:
•Bargraph: ±1 digit
•Digital indicator: ±1 digit
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Manual output resolution: 0.1 %
Response time: ≤ 0.5 sec. (0 – 90 %) between PV and MV
Line voltage effect: ±0.2 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(CAS input to PV input to MV output or remote output switch
command to positioning output to MAN status output to
power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (positioning output, manual
status output)
Installation Category II
Pollution degree 2
Remote output switch command or CAS input or PV input to
positioning output or power: Reinforced insulation (300 V)
Positioning output to MV output to power: Reinforced
insulation (300 V)
RoHS Directive



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com