Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM2-RARA2-M2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # ABM2-RARA2-M2
Description  Final Control Elements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ABM2-RARA2-M2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  ABM2-RARA2-M2 Datasheet HTML 1Page - M-System Co.,Ltd. ABM2-RARA2-M2 Datasheet HTML 2Page - M-System Co.,Ltd. ABM2-RARA2-M2 Datasheet HTML 3Page - M-System Co.,Ltd. ABM2-RARA2-M2 Datasheet HTML 4Page - M-System Co.,Ltd. ABM2-RARA2-M2 Datasheet HTML 5Page - M-System Co.,Ltd. ABM2-RARA2-M2 Datasheet HTML 6Page - M-System Co.,Ltd. ABM2-RARA2-M2 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: ABM2
ABM2 SPECIFICATIONS
ES-2622 Rev.5 Page 1/7
https://www.m-system.co.jp/
Final Control Elements
POSITIONER BACKUP STATION
(with bargraph/digital indicator)
Functions & Features
• Bargraph indicator
• Digital display indicating PV/CAS/MV selectable
• External contact closure to switch operation modes
• Valve positioner incorporated
• Re-transmitted outputs available for valve position and
manual status
• Potentiometer, voltage or current input for setpoint
• DIN size
Typical Applications
• Computer and DCS backup applications
• Controlling electric valves from a computer
• Manual damper position control
• Remote manual control of electric valves
96
(3.78)
OUT
CAS
MAN
CAS/Z
MV/DZ
INF.
IND
PV/S
PV
50
40
30
20
10
0
100
80
60
40
20
0
90
70
50
30
10
m
%
%
48
(1.89)
98
(3.86)
mm (inch)
MODEL: ABM2-[1][2][3][4]-[5][6]
ORDERING INFORMATION
• Code number: ABM2-[1][2][3][4]-[5][6]
Specify a code from below for each of [1] through [6].
(e.g. ABM2-RAAA1-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
• Scale (Refer to 'SCALE PLATE' section for details on the
scale.)
[1] BAR LED COLOR
R: Red
Y: Amber
G: Green
B: Blue
[2] CAS INPUT (CAS)
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
[3] POSITION SETPOINT INPUT (PV)
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
Potentiometer
R: Total resistance 100 Ω – 10 kΩ
[4] RE-TRANSMITTED OUTPUT (MV)
Current
A1: 4 – 20 mA DC (Load resistance 350 Ω max.)
output range -15 - +115 %
A2: 4 – 20 mA DC (Load resistance 350 Ω max.)
output range 0 - 100 %
Note: Select '/A2' to use with same output range as ABM.
[5] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[6] OPTIONS
blank: none
/Q: Options other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
SPARE PARTS
• Scale plate


Similar Part No. - ABM2-RARA2-M2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM2 ABRACON-ABM2 Datasheet
466Kb / 1P
CERAMIC SURFACE MOUNT MINIATURE
ABM2 ABRACON-ABM2 Datasheet
194Kb / 2P
CERAMIC SMD MICROPROCESSOR CRYSTAL
08.08.07
ABM2 ABRACON-ABM2 Datasheet
1Mb / 3P
CERAMIC SMD MICROPROCESSOR CRYSTAL
11.29.11
logo
PANDUIT CORP.
ABM2S-A-C PANDUIT-ABM2S-A-C Datasheet
191Kb / 1P
Tak-Ty Hook Loop Cable Tie Mounts
ABM2S-A-C PANDUIT-ABM2S-A-C Datasheet
488Kb / 8P
SELECTION AND USE OF ADHESIVE BACKED MOUNTS AND DEVICES
More results

Similar Description - ABM2-RARA2-M2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MEX-P MSYSTEM-MEX-P Datasheet
121Kb / 3P
Final Control Elements
MEXL MSYSTEM-MEXL Datasheet
133Kb / 4P
Final Control Elements
MEX-F MSYSTEM-MEX-F Datasheet
153Kb / 5P
Final Control Elements
MEX-E MSYSTEM-MEX-E Datasheet
110Kb / 3P
Final Control Elements
MEX-C MSYSTEM-MEX-C Datasheet
111Kb / 3P
Final Control Elements
MEX-B MSYSTEM-MEX-B Datasheet
111Kb / 3P
Final Control Elements
MEXE MSYSTEM-MEXE Datasheet
110Kb / 3P
Final Control Elements
MEXD MSYSTEM-MEXD Datasheet
112Kb / 3P
Final Control Elements
MRP5D MSYSTEM-MRP5D Datasheet
160Kb / 5P
Final Control Elements
MRP4C MSYSTEM-MRP4C Datasheet
138Kb / 4P
Final Control Elements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com