Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVRTD Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # CVRTD
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CVRTD Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  CVRTD Datasheet HTML 1Page - M-System Co.,Ltd. CVRTD Datasheet HTML 2Page - M-System Co.,Ltd. CVRTD Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: CVRTD
CVRTD SPECIFICATIONS
ES-1320 Rev.7 Page 1/3
https://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
DC/RTD CONVERTER
Functions & Features
•Emulates the RTD resistance proportional to a DC signal
•High accuracy, high resolution
•Response time 0.5 seconds or less
•Output drive circuit with semiconductor switches ensures
long life span
•Fixed output at power failure
Typical Applications
•Controls an RTD input device with a DC signal
50
(1.97)
127
(5)
80
(3.15)
mm (inch)
MODEL: CVRTD-[1][2]-[3][4]
ORDERING INFORMATION
• Code number: CVRTD-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. CVRTD-64-R/Q)
• Temperature range (e.g. 0 – 100°C)
• Output resistance at power failure (e.g. 400 Ω)
(Set to ‘Open’ if not otherwise specified.)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
[2] OUTPUT
1: JPt 100 (JIS ’89) equivalent
3: Pt 100 (JIS ’89) equivalent
4: Pt 100 (JIS ’97, IEC) equivalent
[3] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)
OUTPUT SPECIFICATIONS
Output: Resistance (unipolar)
Resistance range: Approx. 15 – 400 Ω
(The output may be uncertain immediately after the power
is turned on or off.)
Maximum wattage: 0.07 W
Maximum excitation: 15 V DC
Maximum current: 10 mA
Resistance control: Resistance composed by switching
resistors connected in parallel


Similar Part No. - CVRTD

ManufacturerPart #DatasheetDescription
logo
Amphenol Industrial Pro...
CVR-23P AIO-CVR-23P Datasheet
2Mb / 6P
ePower Connectors
HKA 2015
CVR-23R AIO-CVR-23R Datasheet
2Mb / 6P
ePower Connectors
HKA 2015
CVR-42P AIO-CVR-42P Datasheet
2Mb / 6P
ePower Connectors
HKA 2015
CVR-42R AIO-CVR-42R Datasheet
2Mb / 6P
ePower Connectors
HKA 2015
CVR-43P AIO-CVR-43P Datasheet
2Mb / 6P
ePower Connectors
HKA 2015
More results

Similar Description - CVRTD

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com