Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVRTD Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # CVRTD
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CVRTD Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  CVRTD Datasheet HTML 1Page - M-System Co.,Ltd. CVRTD Datasheet HTML 2Page - M-System Co.,Ltd. CVRTD Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: CVRTD
CVRTD SPECIFICATIONS
ES-1320 Rev.7 Page 2/3
https://www.m-system.co.jp/
Output devices: MOSFET switch + resistors
Output resolution: ≤0.05 Ω (up to 400 Ω)
Output resistance at power failure: 10 – 500 Ω selectable
when ordering. Set to ‘Open’ if not otherwise specified.
Resistance (temperature) range
USABLE RANGE
MIN. SPAN
RTD
°C
°F
°C
°F
JPt 100 (JIS ’89)
-200 to +510 -328 to +950
5
9
Pt 100 (JIS ’89)
-200 to +660 -328 to +1220
5
9
Pt 100 (JIS ’97, IEC) -200 to +850 -328 to +1562
5
9
INSTALLATION
Power input
• AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 2 VA
•DC: Operational voltage range: Rating ±10 %,; ripple 10
%p-p max.; Approx. 1.5 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 300 g (0.66 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.3 % or ±0.1 Ω, whichever is greater.
Accuracy of the output resistance at power failure: ± 3 %
Temp. coefficient: ± 0.02 %/°C (±0.01 %/°F) or [0.009 Ω +
0.00005 × Output Resistance (Ω)]/°C, whichever is greater.
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com