Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # CTS2
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CTS2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  CTS2 Datasheet HTML 1Page - M-System Co.,Ltd. CTS2 Datasheet HTML 2Page - M-System Co.,Ltd. CTS2 Datasheet HTML 3Page - M-System Co.,Ltd. CTS2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: CTS2
CTS2 SPECIFICATIONS
ES-1902 Rev.2 Page 3/4
http://www.m-system.co.jp/
EXTERNAL VIEW
Range Selector
*
4 : 300 (3000) A
3 : 150 (1500) A
2 : 60 ( 600) A
1 : 30 ( 300) A
Zero Adj.
Span Adj.
SENSOR INPUT
ON
4
3
2
1
Probe Connector
*(
) for input 3000A type.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
■ TRANSMITTER
3
4
5
6
2
1
8
7
50 (1.97)
103 (4.06)
136 (5.35)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2-4.5 (.18) dia.
MTG HOLE
15 (.59) deep
8-M3.5
SCREW
When mounting, no extra space is needed between units.
13 (.51)
Connector of
Sensor Cable
■ SENSOR
190 (7.48)
max.
9.9 dia.
(.39)
L 610
8 meters
(26.4 ft)
CONNECTOR
5 dia.
(.20)
R 60 (2.36) min.
(minimum curvature radius)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com