Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # CTS2
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CTS2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  CTS2 Datasheet HTML 1Page - M-System Co.,Ltd. CTS2 Datasheet HTML 2Page - M-System Co.,Ltd. CTS2 Datasheet HTML 3Page - M-System Co.,Ltd. CTS2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: CTS2
CTS2 SPECIFICATIONS
ES-1902 Rev.2 Page 2/4
http://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Construction
Probe: Clip-around type
Transmitter: Plug-in
Connection
Output & power: M3.5 screw terminals
Input: Connector
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material
Probe: TPE rubber, Polypropylene
Transmitter: Flame-resistant resin (black)
Isolation: Current input to sensor output or transmitter input
or transmitter output to power
Input waveform
RMS sensing: Up to 15 % of 3rd harmonic content
Overrange output: 0 to 120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Input range: Selectable with the front DIP switch
among 30, 60, 150 or 300 A, or 300, 600,
1500 or 3000 A
INPUT SPECIFICATIONS
Frequency: 4 Hz – 10 kHz (±3 dB)
Max. operating voltage: 1000 V AC (primary side)
Overload capacity: 1000 % of rating for 3 seconds,
200 % for 10 seconds, 120 % continuous
Operational range: 0 – 120 % of rating
20
4
100
1k
10k
(Hz)
0
(dB)
–3
3
Frequency Characteristics
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 15 V max.
■ DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 10 mA max.; 5 mA for
negative voltage output; at ≥ 0.5 V
INSTALLATION
Power input
• AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 2 VA
• DC: Operational voltage range: rating ±10 %, or 85 – 150
V for 110 V rating (ripple 10 % p-p max.)
approx. 2 W (80 mA at 24 V)
Operating temperature
Probe: -10 to +55°C (14 to 131°F)
Transmitter: -5 to +60°C (23 to 140°F)
Operating humidity:
Probe: 15 to 85 % RH (non-condensing)
Transmitter: 30 to 90 % RH (non-condensing)
Mounting: Surface or DIN rail
Weight
Probe: 370 g (0.82 lb)
Transmitter: 300 g (0.66 lb)
PERFORMANCE in percentage of span
Accuracy: ±1.5 % at 20 Hz – 1 kHz
Repeatability: ±0.1 %
Position sensitivity: ±1 % (In recommended mounting;
otherwise the sensitivity may increase. Refer to the
instruction manual.)
Temp. coefficient: ±0.15 %/°C (±0.08 %/°F)
Response time: Approx. 1.5 sec. (0 – 90 %)
Ripple: 0.5 %p-p max.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(Current input to sensor output or transmitter input or
transmitter output to power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com