Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BX16H Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # BX16H
Description  STANDARD RACK MOUNTING FRAME
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

BX16H Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  BX16H Datasheet HTML 1Page - M-System Co.,Ltd. BX16H Datasheet HTML 2Page - M-System Co.,Ltd. BX16H Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: BX-16H
BX-16H SPECIFICATIONS
ES-3432 Rev.5 Page 1/3
http://www.m-system.co.jp/
STANDARD RACK MOUNTING FRAME
Functions & Features
• Receiving at the maximum of 16 modules of FUNIT, H-
UNIT, 5-UNIT & B-UNIT or 8 modules of P-UNIT for
installation in a standard 19-inches rack
MODEL: BX–16H
ORDERING INFORMATION
• Code number: BX-16H
RELATED PRODUCTS
• Mounting Block (e.g. MB-16)
PACKAGE INCLUDES...
• DIN rail (16 positions)
GENERAL SPECIFICATIONS
Construction: Metal plates assembly
Capacity: 16 positions
Mounting
• Direct mounting: base sockets attached directly on the
backplate with screws
• DIN rail: spring loaded brake on base socket provided
• Mounting Block: I/P transducers need Mounting Blocks.
Material: SPCC
Coating: Melamine baked coating
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: JIS/EIA standard rack or angle bracket
Weight: 2 kg (4.4 lb)


Similar Part No. - BX16H

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
BX16G MSYSTEM-BX16G Datasheet
134Kb / 4P
STANDARD RACK MOUNTING FRAME
More results

Similar Description - BX16H

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SREXTENDER TRIPPLITE-SREXTENDER Datasheet
492Kb / 2P
SmartRack Rack Enclosure Extension Frame - Increases rack external and maximum mounting depth
logo
Bud Industries, Inc.
SF-2184 BUD-SF-2184 Datasheet
43Kb / 1P
SWING FRAME RACK
logo
Tripp Lite. All Rights ...
SR4POST1224 TRIPPLITE-SR4POST1224 Datasheet
158Kb / 3P
45U SmartRack 4-Post Open Frame Rack - Threaded 12-24 Mounting Holes
SR42UBEXPND TRIPPLITE-SR42UBEXPND Datasheet
163Kb / 3P
SmartRack 42U Standard-Depth 4-Post Premium Open Frame Rack
logo
M-System Co.,Ltd.
38BXCS MSYSTEM-38BXCS Datasheet
76Kb / 6P
STANDARD RACK
BX1DL MSYSTEM-BX1DL Datasheet
38Kb / 1P
MOUNTING FRAME
BX16G MSYSTEM-BX16G Datasheet
134Kb / 4P
STANDARD RACK MOUNTING FRAME
logo
PHOENIX CONTACT
1407986 PHOENIX-1407986 Datasheet
43Kb / 2P
19 mounting frame - CUC-PP-FRAME-1
logo
Mini-Circuits
RKT-RC4DAT-2 MINI-RKT-RC4DAT-2 Datasheet
366Kb / 4P
Rack Mounting Kit
16-Jun-21
RKT-RC4DAT MINI-RKT-RC4DAT Datasheet
525Kb / 5P
Rack Mounting Kit
19-Jan-22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com