Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS16 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # BS16
Description  INSTALLATION BASE (16 positions)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

BS16 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  BS16 Datasheet HTML 1Page - M-System Co.,Ltd. BS16 Datasheet HTML 2Page - M-System Co.,Ltd. BS16 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: BS-16
BS-16 SPECIFICATIONS
ES-3435 Rev.9 Page 1/3
http://www.m-system.co.jp/
INSTALLATION BASE (16 positions)
Functions & Features
• Saving individual wiring work for panel installation of the
H-UNIT modules
• High-density mounting
• 16 outputs available at the connector
• Printing wiring for line voltage distribution
• Monitoring at screw terminals
MODEL: BS-16[1][2]
ORDERING INFORMATION
• Code number: BS-16[1][2]
Specify a code from below for each of [1] and [2].
(e.g. BS-16H1/Q)
• Specify the specification for option code /Q
(e.g. /C01)
CAPACITY
16: 16 units
[1] FUNCTION
H1: Input & output connector plus power distribution
H2: Loop powered isolator use (output connector)
H3: Power distribution
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
Only solder side of the main PWB is coated.
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Resistor module (model: REM-x)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Capacity: 16 positions
Connection: M3.5 screw terminals (torque 0.8 N·m)
and 40-pin connector(s)
Screw terminal: Nickel-plated steel
Isolation
BS-16H1: I/O connector to power to ground
BS-16H2: Input to output terminals or connector to ground
BS-16H3: Input to output or connector to power to ground
INPUT & OUTPUT
■ BS-16H1
Input: DC voltage; resistor module (model: REM-x) attached
to the input terminals for current input
Output: DC voltage or current*
Connection: Screw terminals and 40-pin connector
Power input: 16 loops collectively
■ BS-16H2 (model HSN use)
Input: Loop powered isolator (4 – 20 mA DC or 10 – 50 mA
DC)
Output: 1 – 5V DC or 4 – 20 mA DC*
Connection: Screw terminals and 40-pin connector
Power input: Not required
■ BS-16H3
Input: DC voltage; resistor module (model: REM-x) attached
to the input terminals for current input
Output: DC voltage or current
Connection: Screw terminals
Power input: 16 loops collectively
*For current signals, either screw terminal or 40-pin
connector is available.
INSTALLATION
Power input
•DC: 24 V DC ±10 %
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface
Weight: 1.8 kg (4.0 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength
BS-16H1: 500 V AC @ 1 minute
(I/O connector to power)
1500 V AC @ 1 minute (power to ground)
500 V AC @ 1 minute (I/O connector power to ground)
BS-16H2: 500 V AC @ 1 minute
(Input to output terminals or connector to ground)
BS-16H3: 500 V AC @ 1 minute
(Input to output to power)


Similar Part No. - BS16

ManufacturerPart #DatasheetDescription
logo
Power-One
BS1601-7R POWER-ONE-BS1601-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
logo
Omega Engineering, Inc.
BS16A OMEGA-BS16A Datasheet
352Kb / 1P
Thermocouple Terminals
More results

Similar Description - BS16

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3073827 PHOENIX-3073827 Datasheet
140Kb / 14P
Installation terminal block - UTI 16
3075728 PHOENIX-3075728 Datasheet
135Kb / 12P
Installation terminal block - UTI 16 BU
logo
M-System Co.,Ltd.
M1E-BS MSYSTEM-M1E-BS Datasheet
170Kb / 2P
INSTALLATION BASE
M1EBS MSYSTEM-M1EBS Datasheet
170Kb / 2P
INSTALLATION BASE
R6N-BS MSYSTEM-R6N-BS Datasheet
317Kb / 5P
Remote I/O R6 Series INSTALLATION BASE
R6D-BS MSYSTEM-R6D-BS Datasheet
325Kb / 5P
Remote I/O R6 Series INSTALLATION BASE
R30BS MSYSTEM-R30BS Datasheet
613Kb / 5P
Remote I/O R30 Series INSTALLATION BASE
R3-BS MSYSTEM-R3-BS Datasheet
161Kb / 5P
Remote I/O R3 Series INSTALLATION BASE
R5-BS MSYSTEM-R5-BS Datasheet
311Kb / 4P
Remote I/O R5 Series INSTALLATION BASE
R6S-BS MSYSTEM-R6S-BS Datasheet
333Kb / 5P
Remote I/O R6 Series INSTALLATION BASE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com