Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS16 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # BS16
Description  INSTALLATION BASE (16 positions)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

BS16 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  BS16 Datasheet HTML 1Page - M-System Co.,Ltd. BS16 Datasheet HTML 2Page - M-System Co.,Ltd. BS16 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: BS-16
BS-16 SPECIFICATIONS
ES-3435 Rev.9 Page 2/3
http://www.m-system.co.jp/
1500 V AC @ 1 minute (power to ground)
500 V AC @ 1 minute (Input or output to ground)
EXTERNAL DIMENSIONS unit: mm (inch)
■BS-16H1
440 (17.32)
465 (18.31)
480 (18.90)
4–12 (.47) dia.
MTG HOLE
40
(1.57)
1 2
3 4
1 2
3 4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
■BS-16H2
440 (17.32)
465 (18.31)
480 (18.90)
4–12 (.47) dia.
MTG HOLE
40
(1.57)
1 2
3 4
5 6
7 8
1 2
3 4
5 6
7 8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
■BS-16H3
440 (17.32)
465 (18.31)
480 (18.90)
4–12 (.47) dia.
MTG HOLE
40
(1.57)
1 2
3 4
1 2
3 4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com