Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4040 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC4040
Description  RAD-HARD 12 STAGE BINARY COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4040 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC4040 Datasheet HTML 1Page - STMicroelectronics M54HC4040 Datasheet HTML 2Page - STMicroelectronics M54HC4040 Datasheet HTML 3Page - STMicroelectronics M54HC4040 Datasheet HTML 4Page - STMicroelectronics M54HC4040 Datasheet HTML 5Page - STMicroelectronics M54HC4040 Datasheet HTML 6Page - STMicroelectronics M54HC4040 Datasheet HTML 7Page - STMicroelectronics M54HC4040 Datasheet HTML 8Page - STMicroelectronics M54HC4040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
May 2004
s
HIGH SPEED:
fMAX =70MHz (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 4040
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9204-069
DESCRIPTION
The M54HC4040 is an high speed CMOS 12
STAGE
BINARY
COUNTER
fabricated
with
silicon gate C2MOS technology.
A clear input is used to reset the counter to the all
low
level
state.
A
high
level
on
CLEAR
accomplishes the reset function. A negative
transition on the CLOCK input increments the
counter by one.
For M54HC4040 each division stage has an
output; the final frequency is 1/4096 fIN.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC4040
RAD-HARD 12 STAGE BINARY COUNTER
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC4040D
M54HC4040D1
FPC
M54HC4040K
M54HC4040K1
DILC-16
FPC-16
Rev. 1


Similar Part No. - M54HC4040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4040 STMICROELECTRONICS-M54HC4040 Datasheet
265Kb / 13P
HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
Mar-1993
M54HC4040 STMICROELECTRONICS-M54HC4040 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4040B1R STMICROELECTRONICS-M54HC4040B1R Datasheet
265Kb / 13P
HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
Mar-1993
M54HC4040C1R STMICROELECTRONICS-M54HC4040C1R Datasheet
265Kb / 13P
HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
Mar-1993
M54HC4040D STMICROELECTRONICS-M54HC4040D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC4040

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
14-Stage Binary Counter 12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4040 HITACHI-HD74HC4040 Datasheet
54Kb / 9P
12-stage Binary Counter
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040_07 Datasheet
333Kb / 9P
12-Stage Binary Counter
logo
STMicroelectronics
M74HC4040 STMICROELECTRONICS-M74HC4040 Datasheet
356Kb / 11P
12 STAGE BINARY COUNTER
Jul-2001
M54HC393 STMICROELECTRONICS-M54HC393_04 Datasheet
331Kb / 12P
RAD-HARD DUAL BINARY COUNTER
10-May-2004
M54HC4020 STMICROELECTRONICS-M54HC4020_04 Datasheet
332Kb / 11P
RAD-HARD 14 STAGE BINARY COUNTER
10-May-2004
M54HC4060 STMICROELECTRONICS-M54HC4060_04 Datasheet
380Kb / 12P
RAD-HARD 14 STAGE BINARY COUNTER/OSCILLATOR
14-May-2004
logo
Renesas Technology Corp
HD74LV4040A RENESAS-HD74LV4040A Datasheet
185Kb / 11P
12-stage Binary Counter
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
12-stage Binary Counter
HD74LV4040A RENESAS-HD74LV4040A_15 Datasheet
205Kb / 13P
12-stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com