Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC4040 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC4040
Description  RAD-HARD 12 STAGE BINARY COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4040 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC4040 Datasheet HTML 1Page - STMicroelectronics M54HC4040 Datasheet HTML 2Page - STMicroelectronics M54HC4040 Datasheet HTML 3Page - STMicroelectronics M54HC4040 Datasheet HTML 4Page - STMicroelectronics M54HC4040 Datasheet HTML 5Page - STMicroelectronics M54HC4040 Datasheet HTML 6Page - STMicroelectronics M54HC4040 Datasheet HTML 7Page - STMicroelectronics M54HC4040 Datasheet HTML 8Page - STMicroelectronics M54HC4040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M54HC4040
2/11
Figure 1: IEC Logic Symbols
Figure 2: Input And Output Equivalent Circuit
Table 1: Pin Description
Table 2: Truth Table
PIN N°
SYMBOL
NAME AND FUNCTION
9, 7, 6, 5, 3,
2, 4, 13, 12,
14, 15, 1
Q1 to Q12
Parallel Outputs
10
CLOCK
Clock Input (LOW to
HIGH, Edge Triggered)
11
CLEAR
Reset Inputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
CLOCK
CLEAR
OUTPUT STATE
XH
ALL OUTPUTS = "L"
LNO CHANGE
L
ADVANCE TO NEXT STATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com