Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99WT Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # BAV99WT
Description  Dual Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BAV99WT Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  BAV99WT Datasheet HTML 1Page - First Silicon Co., Ltd BAV99WT Datasheet HTML 2Page - First Silicon Co., Ltd BAV99WT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dual Switching Diode
Features
● Epoxy meets UL-94 V-0 flammability rating
● Moisure Sensitivity Level 1
● Fast switching speed
● High Conductance
● Surface mount package ideally Suited for Automatic
Insertion
Mechanical Data
● Package: SOT-323
● Terminals:
:
Tin plated leads, solderable per
J-STD-002 and JESD22-B102
● Polarity: Cathode line denotes the cathode end
● Marking: KJG
Maximum Ratings (Ta=25℃ Unless otherwise specified)
Item
Symbol
Unit
Value
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
RRM
0
0
1
V
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
R
5
7
V
I
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P
FAV
0
5
1
A
m
Thermal Resistance from Junction to Ambient
R
θJA
℃/W
625
J
T
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
n
o
i
t
a
r
e
p
O
℃
-55 to +150
G
T
S
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
℃
-55 to +150
SEMICONDUCTOR
TECHNICAL DATA
BAV99WT
2020. 02. 10
1/3
Revision No : 0
SOT-323


Similar Part No. - BAV99WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV99WT MCC-BAV99WT Datasheet
377Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
BAV99WT MCC-BAV99WT Datasheet
221Kb / 3P
200mW 75Volt Plastic-Encapsulate Diode
logo
RFE international
BAV99WT RFE-BAV99WT Datasheet
1Mb / 3P
Dual Switching Diodes
27-01-2022
logo
Motorola, Inc
BAV99WT1 MOTOROLA-BAV99WT1 Datasheet
128Kb / 6P
SC-70/SOT-323 Dual Series Switching Diode
logo
Leshan Radio Company
BAV99WT1 LRC-BAV99WT1 Datasheet
61Kb / 3P
Dual Serise Switching Diodes
More results

Similar Description - BAV99WT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBD7000LT1 MOTOROLA-MMBD7000LT1 Datasheet
77Kb / 4P
Dual Switching Diode
logo
ON Semiconductor
MMBD7000LT1 ONSEMI-MMBD7000LT1 Datasheet
77Kb / 4P
Dual Switching Diode
November, 2001 ??Rev. 2
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
DUAL SWITCHING DIODE
logo
Leshan Radio Company
LMBD7000WT1G LRC-LMBD7000WT1G Datasheet
118Kb / 3P
Dual Switching Diode
logo
WILLAS ELECTRONIC CORP
MMBD7000W WILLAS-MMBD7000W Datasheet
336Kb / 3P
Dual Switching Diode
logo
Central Semiconductor C...
CPD30V CENTRAL-CPD30V Datasheet
479Kb / 2P
Dual Switching Diode
logo
CHENG-YI ELECTRONIC CO....
BAV99 CHENG-YI-BAV99 Datasheet
86Kb / 3P
DUAL SWITCHING DIODE
logo
ON Semiconductor
BAW56TT1G ONSEMI-BAW56TT1G_16 Datasheet
65Kb / 4P
Dual Switching Diode
April, 2016 ??Rev. 5
logo
Shanghai Leiditech Elec...
LMBD7000LT1G LEIDITECH-LMBD7000LT1G Datasheet
681Kb / 4P
Dual Switching Diode
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com