Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99WT Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # BAV99WT
Description  Dual Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BAV99WT Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  BAV99WT Datasheet HTML 1Page - First Silicon Co., Ltd BAV99WT Datasheet HTML 2Page - First Silicon Co., Ltd BAV99WT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics(Ta=25℃ unless otherwise specified)
Item
Symbol
Unit
Conditions
Value
V
e
g
a
tl
o
V
e
s
r
e
v
e
R
R
5
7
A
u
0
0
1
=
R
I
V
Maximum Instantaneous Forward Voltage
VF
V
IF=1mA
0.715
IF=10mA
0.855
IF=50mA
1.0
IF=150mA
1.25
I
t
n
e
rr
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
R
uA
VR
5
.
2
V
5
7
=
C
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
J
l
a
c
i
p
y
T
J
pF
f=1.0MHz, VR
2
V
0
=
T
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
rr
ns
IF=IR=10mA
Irr=0.1*IR, RL=100Ω
4
Ordering Information(Example)
Prefered P/N
Packing
Code
Unit Weight(G)
Minimum
Package(Pcs)
Inner Box
Quantity(Pcs)
Outer Carton
Quantity(Pcs)
Delivery Mode
BAV99WT
F2
Approximate 0.008
3000
30000
120000
7” reel
Characteristics(Typical)
TJ= 25°C
TJ= 75°C
TJ= 125°C
BAV99WT
2020. 02. 10
2/3
Revision No : 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com