Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR54LED02 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR54LED02
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR54LED02 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR54LED02 Datasheet HTML 1Page - First Silicon Co., Ltd FDR54LED02 Datasheet HTML 2Page - First Silicon Co., Ltd FDR54LED02 Datasheet HTML 3Page - First Silicon Co., Ltd FDR54LED02 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
5
10
15
20
25
30
0
4
8
12
16
20
0
25
50
75
100
125
0
50
100
150
200
250
0
200
400
600
800
0 01
0.1
1
10
100
0
5
10
15
20
25
30
0 01
0.1
1
10
100
T
a=25
℃
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE V
R
(V)
Power Derating Curve
AMBIENT TEMPERATURE T
a
( )
Forward Characteristics
FORWARD VOLTAGE V
F
(mV)
200
Reverse Characteristics
T
a=100
oC
T
a=25
oC
REVERSE VOLTAGE V
R
(V)
Typical Characteristics
℃
2020. 06. 16
2/4
Revision No : 1
FDR54LED02



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com