Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDR54LED02 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR54LED02
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR54LED02 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR54LED02 Datasheet HTML 1Page - First Silicon Co., Ltd FDR54LED02 Datasheet HTML 2Page - First Silicon Co., Ltd FDR54LED02 Datasheet HTML 3Page - First Silicon Co., Ltd FDR54LED02 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Schottky Barrier Diode
FEATURES
Extremely Fast Switching Speed
Low Forward Voltage
MARKING: L9
Maximum Ratings @Ta =25
℃
Parameter
Symbol
Limits
Unit
Non-Repetitive Peak reverse voltage
VRM
30
V
DC Blo ckin g Voltage
VR
21
V
Aver age Rectified Output Current
IO
100
mA
Forward continuous Current
IF
200
mA
Repetitiv e peak Forward Current
IFRM
300
mA
Non-repetitive Peak Forward Surge Current
@t=8 3ms
IFSM
600
mA
Power Dissip ation
Pd
200
mW
Thermal resist ance,junction to ambient air
RθJA
625
℃/W
Junction te mperature
TJ
125
℃
Storag e temperature range
TSTG
-65-150
℃
Electrical Characteristics @Ta=25
℃
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Revers e Breakdown Voltage
V (BR)R
IR=100
μA
30
V
VF1
IF=0.1mA
240
mV
VF2
IF=1.0mA
320
mV
VF3
IF=10mA
400
mV
VF4
IF=30mA
500
mV
For ward voltage
VF5
IF=100mA
1000
mV
Revers e current
IR
VR=25V
2.0
uA
Revers e recovery time
trr
IF=10mA, IR=10mA to 1mA ,
RL=100
5.0
ns
Capacitan ce between terminals
CT
VR=1V,f=1MHz
10
pF
WBFBP-02C
Ω
SEMICONDUCTOR
TECHNICAL DATA
FDR54LED02
2020. 06. 16
1/4
Revision No : 1


Similar Part No. - FDR54LED02

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR54LT1G FS-FDR54LT1G Datasheet
123Kb / 3P
Schottky Barrier Diodes
FDR54LT3G FS-FDR54LT3G Datasheet
123Kb / 3P
Schottky Barrier Diodes
More results

Similar Description - FDR54LED02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com