Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTPH-15-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # CTPH-15-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CTPH-15-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  CTPH-15-R Datasheet HTML 1Page - M-System Co.,Ltd. CTPH-15-R Datasheet HTML 2Page - M-System Co.,Ltd. CTPH-15-R Datasheet HTML 3Page - M-System Co.,Ltd. CTPH-15-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: CTPH
CTPH SPECIFICATIONS
ES-1305 Rev.5 Page 1/4
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
CT TRANSMITTER
(true RMS sensing; high speed response; peak hold)
Functions & Features
• Converts an alternating current from a current
transformer into a standard process signal
• Dual output: The second output can be switched to ‘peak
hold’ mode with the front DIP switch
• Resetting the peak hold output with the front reset control
button
• CT Protector provided for open-circuit protection
• True RMS sensing with fast 50-millisecond
response time (0 – 90 %) is possible
• Isolation up to 2000 V AC
Typical Applications
• Monitoring impulsive power line voltage change
50
(1.97)
136
(5.35)
80
(3.15)
mm (inch)
MODEL: CTPH–[1][2][3]-[4][5]
ORDERING INFORMATION
• Code number: CTPH-[1][2][3]-[4][5]
Specify a code from below for each of [1] through [5].
(e.g. CTPH-5AA-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
1: 0 – 1 A AC
5: 0 – 5 A AC
[2] OUTPUT 1
Current
A: 4 – 20 mA DC (Load resistance 500 Ω max.)
G: 0 – 1 mA DC (Load resistance 10 kΩ max.)
Voltage
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
[3] OUTPUT 2 (momentary value or peak hold)
Current
A: 4 – 20 mA DC (Load resistance 350 Ω max.)
G: 0 – 1 mA DC (Load resistance 7000 Ω max.)
Voltage
Same range availability as Output 1
[4] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[5] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to contact input to
power
Input waveform: Up to 20 % of 3rd harmonic content
Overrange output: 0 to 120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Adjustable individually for each output 1 and output 2.
Indicator LED: Red LED blinks in 800 millisecond intervals
when the power is supplied; blinks in 200 millisecond
intervals when the peak hold output is reset.
Function setting: DIP switch
• Output 2 Function (Momentary value output/Peak hold
value output)


Similar Part No. - CTPH-15-R

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CTP YAGEO-CTP Datasheet
519Kb / 7P
CERAMIC TUBE WIREWOUND RESISTORS
February 27, 2024 V.5
logo
Renesas Technology Corp
CTP-25-018 RENESAS-CTP-25-018 Datasheet
119Kb / 1P
PCI Express 5.0 Link Controller
2025.02
logo
Contec Co., Ltd
CTP-4D CONTEC-CTP-4D Datasheet
239Kb / 2P
Termination Panel with Differential Receivers for Counter Input
logo
ATGBICS by Approved Tec...
CTP-SFP-1GE-LX-C ATGBICS-CTP-SFP-1GE-LX-C Datasheet
322Kb / 9P
CTP-SFP-1GE-LX Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
CTP-SFP-1GE-SX-C ATGBICS-CTP-SFP-1GE-SX-C Datasheet
293Kb / 8P
CTP-SFP-1GE-SX Juniper Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results

Similar Description - CTPH-15-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com