Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA3-Z11-R3/A Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # DA3-Z11-R3/A
Description  Plug-in Signal Conditioners M-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DA3-Z11-R3/A Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  DA3-Z11-R3/A Datasheet HTML 1Page - M-System Co.,Ltd. DA3-Z11-R3/A Datasheet HTML 2Page - M-System Co.,Ltd. DA3-Z11-R3/A Datasheet HTML 3Page - M-System Co.,Ltd. DA3-Z11-R3/A Datasheet HTML 4Page - M-System Co.,Ltd. DA3-Z11-R3/A Datasheet HTML 5Page - M-System Co.,Ltd. DA3-Z11-R3/A Datasheet HTML 6Page - M-System Co.,Ltd. DA3-Z11-R3/A Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MODEL: DA3
DA3 SPECIFICATIONS
ES-1395 Rev.14 Page 6/7
https://www.m-system.co.jp/
INPUT CONNECTOR (26-pin)
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1
1×100
17
COM (–)
2
2×100
18
COM (–)
3
4×100
19
No connection
4
8×100
20
POL
5
1×101
21
LOAD*1
6
2×101
22
LOAD*1
7
4×101
23
P0 *2
8
8×101
24
P1
9
1×102
25
P2
10
2×102
26
P3
11
4×102
12
8×102
13
1×103
14
2×103
15
4×103
16
8×103
■ BCD INPUT
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1
B0
17
COM (–)
2
B1
18
COM (–)
3
B2
19
No connection
4
B3
20
POL
5
B4
21
LOAD
*1
6
B5
22
LOAD
*1
7
B6
23
P0
*3
8
B7
24
P1
9
B8
25
P2
10
B9
26
P3
11
B10
12
B11
13
B12
14
B13
15
B14
16
B15
■ BINARY TWO'S COMPLEMENT INPUTS
*1. Pin No. 21 and 22 are internally connected.
*2. P
0 corresponds to n×100, P1 to n×101, P2 to n×102, P3 to n×103. Only P0 corresponds when the parity for all digits are valid.
*3. P
0 corresponds to B0 through B3, P1 to B4 through B7, P2 to B8 through B11, P3 to B12 through B15. Only P0 corresponds when the parity
for all digits are valid.
Note: With the number of bits set to 14 (or 12, 10, 8) with ITEM 07, Pin No. 1 – 14 (or 1 – 12, 1 – 10, 1 – 8) are valid.
TIMING CHART
LOAD INPUT
DATA INPUT
The unit reads data upon detecting a change of LOAD input status.
DO NOT change LOAD input setting when the data input logic is changed.
Note: Even if LOAD signal is entered, the unit does not convert into analog
and hold previous value until entering next normal data, when error
isdetected by parity check.
10 ms min.
1 ms min.
• Example: TTL Level Input (setting)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com