Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA3-Z11-R3/A Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # DA3-Z11-R3/A
Description  Plug-in Signal Conditioners M-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DA3-Z11-R3/A Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  DA3-Z11-R3/A Datasheet HTML 1Page - M-System Co.,Ltd. DA3-Z11-R3/A Datasheet HTML 2Page - M-System Co.,Ltd. DA3-Z11-R3/A Datasheet HTML 3Page - M-System Co.,Ltd. DA3-Z11-R3/A Datasheet HTML 4Page - M-System Co.,Ltd. DA3-Z11-R3/A Datasheet HTML 5Page - M-System Co.,Ltd. DA3-Z11-R3/A Datasheet HTML 6Page - M-System Co.,Ltd. DA3-Z11-R3/A Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MODEL: DA3
DA3 SPECIFICATIONS
ES-1395 Rev.14 Page 7/7
https://www.m-system.co.jp/
INPUT-OUTPUT RELATION EXAMPLES
• FS
-FS stands for -15 % of the input range (0 to 100 %), which is configured by ITEM 08, display range scaling 0 % and ITEM 09,
display range scaling 100 %. +FS stands for +115 % of the input range.
• OR
When one of the following conditions is true, the digital input overflows (OR).
1) When the input signal is out of the range between -FS and +FS.
2) When the display value (= input signal) exceeds the display range.
The display range differs according to input code. For example, in case of BCD with polarity, it is -9999 to 9999. Please refer to
the instruction manual for detail.
■ BCD, BINARY (WITH POLARITY)
MSB
POL
POLARITY
DATA
LSB
MSB
POL
UNUSED
DATA
LSB
■ OFFSET BINARY & TWO’S COMPLEMENT
–FS
OR
0%
ANALOG OUTPUT
+FS
DIGITAL INPUT
OR
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com