Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS16 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FS16
Description  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FS16 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FS16 Datasheet HTML 1Page - First Silicon Co., Ltd FS16 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012 10 17
1/2
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FS12 ~ FS110
■ Features
■ Outline Dimensions and Mark
Io
1.0A
VRRM
20V~100V
Low VF ,Low power loss
High surge forward current capability
Applications
Rectifier
Limiting Values(Absolute Maximum Rating)
Item
Symbol
Unit
Conditions
FS1
2
3
4
5
6
8
10
Repetitive Peak Reverse
Voltage
VRRM
V
20
30
40
50
60
80
100
Average Rectified Output
Current
IO
A
60Hz One-way half-wave,
R-load,Ta=75℃
1.0
Surge(Non-repetitive)
Forward Current
IFSM
A
60HZ sine wave, 1 cycle, Tj=25℃
30
Storage Temperature
Tstg
-55 ~ +150
Junction Temperature
Tj
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
Item
Symbol
Unit
Test Condition
2
3
4
5
6
8
10
Peak Forward Voltage
VFM
V
IFM=1.0A
0.5
0.7
0.85
Peak Reverse Current
IRRM
mA
VRM=VRRM , Ta=25℃
0.5
Thermal Resistance
Rθ
J-L
℃/W
Between junction and lead
20
Dimensions in inches and (millimeters)
SOD-123F
.047(1.20)
.039(1.00)
.010(0.25)
.004(0.10)
.043(1.10)
.035(0.90)
.075(1.90)
.063(1.60)
.002(0.05)
.001(0.02)
-55 ~ +150
-55 ~ +125
FS1
Schottky Rectifier


Similar Part No. - FS16

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FS16 GOOD-ARK-FS16 Datasheet
400Kb / 4P
Surface Mount Schottky Rectifier
logo
TRIAD MAGNETICS
FS16-070 TRIAD-FS16-070 Datasheet
47Kb / 1P
FS16-070
logo
List of Unclassifed Man...
FS16-070 ETC2-FS16-070 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
FS16-070-C2 TRIAD-FS16-070-C2 Datasheet
56Kb / 1P
CLASS 2/3 TRANSFORMER
FS16-070 TRIAD-FS16-070_13 Datasheet
83Kb / 1P
PC MOUNT:SPLIT PACK
More results

Similar Description - FS16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com