Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS16 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FS16
Description  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FS16 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FS16 Datasheet HTML 1Page - First Silicon Co., Ltd FS16 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2012 10 17
2/2
Revision No : 0
FS12 ~ FS110
Characteristics(Typical)
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=25℃
FIG4:Typical Reverse Characteristics
1
0
2
5
10
20
50
100
5
FIG2:Surge Forward Current Capadility
Number of Cycles
10
15
20
25
30
35
s
n le H lf in
JE
M t od
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.02
0.05
VF(V)
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
FS12~FS14
1
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
FIG. 1- FORWARD CURRENT DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
AMBIENT TEMPERATURE, C
FS15-FS110
FS12-FS14
FS15~FS16
FS18~FS110



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com