Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDA36070SA Datasheet(PDF) 2 Page - Schneider Electric

Part # HDA36070SA
Description  Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 70A, 3 pole, 14 kA, 600 VAC, phase ABC, 80% rated, shunt trip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HDA36070SA Datasheet(HTML) 2 Page - Schneider Electric

  HDA36070SA Datasheet HTML 1Page - Schneider Electric HDA36070SA Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Depth
4.8 in (121.92 mm)
Environment
Product certifications
CE
IEC
CCC
CSA
UL Listed
Ambient air temperature for operation
104 °F (40 °C)
Ordering and shipping details
Category
01112-HD, JD I-LINE BREAKER/SWITCH
Discount Schedule
DE2
GTIN
00785901680949
Package weight(Lbs)
5.00 lb(US) (2.268 kg)
Returnability
No
Country of origin
US
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: DINP, which is known to the State
of California to cause cancer, and DIDP, which is known to the State of California to cause birth
defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
PVC free
Yes
Contractual warranty
Warranty
18 months
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com