Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDA36070SA Datasheet(PDF) 1 Page - Schneider Electric

Part # HDA36070SA
Description  Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 70A, 3 pole, 14 kA, 600 VAC, phase ABC, 80% rated, shunt trip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HDA36070SA Datasheet(HTML) 1 Page - Schneider Electric

  HDA36070SA Datasheet HTML 1Page - Schneider Electric HDA36070SA Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
HDA36070SA
Circuit breaker, PowerPacT H, thermal magnetic,
I-Line, 70A, 3 pole, 14 kA, 600 VAC, phase ABC,
80% rated, shunt trip
Price* : 2,078.00 USD
Main
Product or component type
Circuit breaker
Range of product
PowerPact H
Trip Unit Type
Thermal-magnetic
Breaking capacity code
D
Options
Shunt trip 120 V AC
Complementary
Line Rated Current
70 A
Number of Poles
3P
Interrupt Rating
25 kA 240 V AC
18 kA 480 V AC
14 kA 600 V AC
20 kA 250 V DC
[Ue] rated operational voltage
250 V DC
600 V AC
Continuous current rating
80 %
Mounting mode
I-Line
Electrical connection
I-Line connection line
Lugs load
Magnetic hold current
800 A
Magnetic tripping current
1450 A
Wire Gauge
AWG 14...AWG 3/0 aluminium/copper
Tightening torque
44.25 lbf.in (5 N.m) 0.00…0.15 in² (2.5…95 mm²) AWG 14...AWG 3/0)
Phase
ABC
Height
9.73 in (247.14 mm)
Width
4.48 in (113.79 mm)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Apr 6, 2021
1


Similar Part No. - HDA36070SA

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HDA360156 SCHNEIDER-HDA360156 Datasheet
124Kb / 2P
Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 15A, 3 pole, 14 kA, 600 VAC, phase CBA, 80% rated
Apr 12, 2021
HDA36015SA SCHNEIDER-HDA36015SA Datasheet
129Kb / 2P
Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 15A, 3 pole, 14 kA, 600 VAC, phase ABC, 80% rated, shunt trip
Apr 6, 2021
HDA360206 SCHNEIDER-HDA360206 Datasheet
129Kb / 2P
Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 20A, 3 pole, 14 kA, 600 VAC, phase CBA, 80% rated
Apr 12, 2021
HDA36020SA SCHNEIDER-HDA36020SA Datasheet
128Kb / 2P
Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 20A, 3 pole, 14 kA, 600 VAC, phase CBA, 80% rated, shunt trip
Apr 12, 2021
HDA360256 SCHNEIDER-HDA360256 Datasheet
64Kb / 2P
Circuit breaker, PowerPact H, I-Line, thermal magnetic, 25A, 3 pole,14 kA, 600 VAC
Apr 12, 2021
More results

Similar Description - HDA36070SA

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HDA36015SA SCHNEIDER-HDA36015SA Datasheet
129Kb / 2P
Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 15A, 3 pole, 14 kA, 600 VAC, phase ABC, 80% rated, shunt trip
Apr 6, 2021
HDA36040SA SCHNEIDER-HDA36040SA Datasheet
128Kb / 2P
Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 40A, 3 pole, 14 kA, 600 VAC, phase ABC, 80% rated, shunt trip
Apr 6, 2021
HDA36050SA SCHNEIDER-HDA36050SA Datasheet
129Kb / 2P
Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 50A, 3 pole, 14 kA, 600 VAC, phase ABC, 80% rated, shunt trip
Apr 6, 2021
HLA36070SA SCHNEIDER-HLA36070SA Datasheet
122Kb / 2P
Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 70A, 3 pole, 50 kA, 600 VAC, phase ABC, 80% rated, shunt trip
Apr 6, 2021
HDA36110SA SCHNEIDER-HDA36110SA Datasheet
129Kb / 2P
Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 110A, 3 pole, 14 kA, 600 VAC, phase ABC, 80% rated, shunt trip
Apr 12, 2021
HGA36015SA SCHNEIDER-HGA36015SA Datasheet
121Kb / 2P
Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 15A, 3 pole, 18 kA, 600 VAC, phase ABC, 80% rated, shunt trip
Apr 12, 2021
HGA36070SA SCHNEIDER-HGA36070SA Datasheet
122Kb / 2P
Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 70A, 3 pole, 18 kA, 600 VAC, phase ABC, 80% rated, shunt trip
Apr 14, 2021
HGA36125SA SCHNEIDER-HGA36125SA Datasheet
122Kb / 2P
Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 125A, 3 pole, 18 kA, 600 VAC, phase ABC, 80% rated, shunt trip
Apr 14, 2021
HJA36070SA SCHNEIDER-HJA36070SA Datasheet
124Kb / 2P
Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 70A, 3 pole, 25 kA, 600 VAC, phase ABC, 80% rated, shunt trip
Apr 14, 2021
HJA36070AASA SCHNEIDER-HJA36070AASA Datasheet
123Kb / 2P
Circuit breaker, PowerPacT H, thermal magnetic, I-Line, 70A, 3 pole, 25 kA, 600 VAC, phase ABC, 80% rated, aux, shunt
Apr 19, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com