Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS560L Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SS560L
Description  5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 60 Volts Forward Current 5.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS560L Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SS560L Datasheet HTML 1Page - First Silicon Co., Ltd SS560L Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
●
Metal silicon junction, majority carrier conduction
●
Guardring for overvoltage protection
●
Low power loss, high efficiency
●
High current capability, low forward voltage drop
●
High surge capability
●
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
●
For use in low voltage, high frequency inverters, free wheeling,
and polarity protection application
Mechanical Data
●
Case: SMAF molded plastic body
●
Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026
●
Polarity: Color band denotes cathode end
●
Mounting Position: Any
●
Weight: 0.0027 grams (approximate)
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
PARAMETER
SYMBOL
SS560L
UNITS
Maximum repetitive peak reverse voltage
V RRM
60
V
Maximum RMS voltage
V RMS
42
V
Maximum DC blocking voltage
V DC
60
V
Average Rectified Output Current
0.375″ (9.5mm) lead length
I o
5.0
A
Peak forward surge current, 8.3 mS single half sine-wave
superimposed on rated load
I FSM
80
A
Maximum instantaneous forward voltage at Io
V F
0.52
V
Maximum DC reverse current
at rated DC blocking voltage
@ TJ = 25℃
I R
0.5
mA
Typical thermal resistance (Note 1)
R θJA
55
℃/W
Operating junction temperature range
T J
-55 to +150
℃
Storage temperature range
T STG
-55 to +150
℃
Notes:
1. Thermal Resistance from Junction to Ambient 0.375”(9.5mm) lead length.
5A SCHOTTKY BARRIER RECTIFIER
Reverse Voltage 60 Volts Forward Current 5.0 Amperes
SEMICONDUCTOR
TECHNICAL DATA
SS560L
2019. 10. 24
1/2
Revision No : 0


Similar Part No. - SS560L

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SS56 JINANJINGHENG-SS56 Datasheet
79Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS56 YANGJIE-SS56 Datasheet
156Kb / 2P
Schottky Rectifier
logo
Frontier Electronics.
SS56 FRONTIER-SS56 Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS56 LUGUANG-SS56 Datasheet
257Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SS56 LUGUANG-SS56 Datasheet
395Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SS560L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MURS540 LUGUANG-MURS540 Datasheet
1Mb / 2P
Reverse Voltage - 400 Volts Forward Current - 5.0 Amperes
logo
GOOD-ARK Electronics
SB520 GOOD-ARK-SB520_15 Datasheet
176Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 5.0 Amperes
SB320 GOOD-ARK-SB320_15 Datasheet
170Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
logo
First Silicon Co., Ltd
SB540L FS-SB540L Datasheet
510Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 40 Volts Forward Current 5.0 Amperes
SS545L FS-SS545L Datasheet
466Kb / 2P
5A Low VF SCHOTTKY BARRIER RECTIFIER Reverse Voltage 45 Volts Forward Current 5.0 Amperes
MBR3060CT FS-MBR3060CT Datasheet
222Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 60 Volts Forward Current 30.0 Amperes
SM5150AF FS-SM5150AF Datasheet
215Kb / 3P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 150 to 200 Volts Forward Current 5.0 Amperes
SB5100L FS-SB5100L Datasheet
305Kb / 2P
5A LOW VF SCHOTTKY BARRIER RECTIFIERR everse Voltage 100 Volts Forward Current 5.0 Amperes
MBRD2060CT FS-MBRD2060CT Datasheet
616Kb / 3P
Schottky Barrier Rectifier Reverse Voltage 60 Volts Forward Current 20 Amperes
2021. 06. 16 Revision No : 0
SB545L FS-SB545L Datasheet
446Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 45 Volts Forward Current 5.0 Amperes
2022 02 03 Revision No : 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com