Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS560L Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # SS560L
Description  5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 60 Volts Forward Current 5.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS560L Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  SS560L Datasheet HTML 1Page - First Silicon Co., Ltd SS560L Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ratings and Characteristic Curves
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
D
R
A
W
R
O
F
L
A
C
I
P
Y
T
–
2
.
G
I
F
E
V
R
U
C
G
N
I
T
A
R
E
D
T
N
E
R
R
U
C
D
R
A
W
R
O
F
L
A
C
I
P
Y
T
–
1
.
G
I
F
5.00
4.00
3.00
2.00
1.00
100.00
10.00
1.00
0.10
0.00
0
30
60
90
120
150
0.01
0.2
0.4
0.6
0.8
1.0
AMBIENT TEMPERATURE (℃
(
E
G
A
T
L
O
V
D
R
A
W
R
O
F
)
V)
FIG. 3 – MAXIMUM NON-REPETITIVE FORWARDSURGE CURRENT
FIG. 4 – TYPICAL REVERSE CHARACTERISTICS
100.00
10.00
1.00
0.10
0.01
0
1
10
NUMBER OF CYCLES AT 60HZ
100
0.001
20
40
60
80
100
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
Tj=25℃
Pulse Width=300us
1% Duty Cycle
100℃
25℃
80
60
40
20
100
SS560L
2019. 10. 24
2/2
Revision No : 0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com