Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-3504G/AC Datasheet(PDF) 1 Page - Microsemi Corporation

Part # PD-3504G/AC
Description  Compact 4-port Gigabit Midspan for the enterprise market
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD-3504G/AC Datasheet(HTML) 1 Page - Microsemi Corporation

  PD-3504G/AC Datasheet HTML 1Page - Microsemi Corporation PD-3504G/AC Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD-3504G Midspan
Compact 4-port Gigabit Midspan for the enterprise market
Power Matters.™
Overview
The Microsemi’s PD-3504G offers a cost effective, IEEE 802.3af compliant
solution to upgrade existing infrastructures with PoE, providing a maximum
of 15.4 watts of power through each port and ensuring safe operation
of any standard PoE data terminal. The PD-3504G provides PoE to IP
telephones, wireless LAN access points, security network cameras and
IP terminals to receive power, along with data, over standard Ethernet
cables, leaving network infrastructure completely unaltered.
With the midspan’s plug-and-play installation, they are easily and cost
effectively implemented leveraging an existing Ethernet infrastructure while
at the same time providing the assurance of a future proof network.
PD-3504G Features
• Safe & reliable power over existing Ethernet infrastructure
• Stackable and compact
• Cisco and legacy PoE support*
• Plug-and-play installation
• Guaranteed uptime
PD-3504G Specifications
No. of Ports
4
Pass Through Data Rates
10/100/1000 Mbps
Power over Ethernet
Pin Assignment and Polarity:
Output
4/5 (+), 7/8 (–)
Output Power Voltage: 55Vdc
User Port Power: 15.4 Watts
Input Power
AC Input Voltage: 100 to 240 Vac
Requirements
AC Input Current: 1A @110 Vac
0.4A @ 240Vac
AC Frequency: 50 to 60 Hz
Dimensions
148 mm (W) x 224 mm (H) x 43 mm (L)
5.82 in. x 8.82 in. x 1.69 in
Weight
1.4 lbs (.62 kg)
Indicators
System Indicator:
AC Power (Green)
User Indicator:
Channel Power (Green)
Connectors
Shielded RJ-45, EIA 568A and 568B
Environmental
Operating Ambient Temperature:
Conditions
32º to 104ºF (0ºC to 40ºC)
Operating Humidity:
Maximum 90%, Non-condensing
Storage Temperature:
–4º to 158ºF (–20º to 70ºC)
Storage Humidity:
Maximum 95%, Non-condensing
Operating Altitude:
–1000 to 10,000 ft. (–304.8 to 3048 m)
Reliability
MTBF: 300,000 hrs. @25ºC
Thermal Rating
51 BTU/Hr
Warranty
1-year
Regulatory Compliance
IEEE 802.3af (PoE, PoH Type 1),
RoHS Compliant, WEEE Compliant, CE
Electromagnetic
FCC Part 15, Class B
Emission & Immunity
EN 55022 Class B (Emissions)
EN 55024 (Immunity), VCCI
Safety Approvals
UL/cUL Per EN 60950
GS Mark Per EN 60950
* Dongles required
PTZ Dome Camera
Data
Power
Data & Power
or
or
IP Video Phone
WLAN Access Point
PD-3504G
PoE Midspan
Switch
UPS


Similar Part No. - PD-3504G/AC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD-3504G/AC-AU MICROCHIP-PD-3504G/AC-AU Datasheet
440Kb / 2P
4-port 802.3af Compliant Gigabit Midspan
5/21
PD-3504G/AC-EU MICROCHIP-PD-3504G/AC-EU Datasheet
440Kb / 2P
4-port 802.3af Compliant Gigabit Midspan
5/21
PD-3504G/AC-JP MICROCHIP-PD-3504G/AC-JP Datasheet
440Kb / 2P
4-port 802.3af Compliant Gigabit Midspan
5/21
PD-3504G/AC-UK MICROCHIP-PD-3504G/AC-UK Datasheet
440Kb / 2P
4-port 802.3af Compliant Gigabit Midspan
5/21
PD-3504G/AC-US MICROCHIP-PD-3504G/AC-US Datasheet
440Kb / 2P
4-port 802.3af Compliant Gigabit Midspan
5/21
More results

Similar Description - PD-3504G/AC

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE125U-8 PHIHONG-POE125U-8 Datasheet
456Kb / 2P
8 Port Gigabit Power Over Ethernet Midspan
POE125U-4AT PHIHONG-POE125U-4AT Datasheet
139Kb / 3P
4 Port IEEE802.3at Midspan
POE125U-8 PHIHONG-POE125U-8_14 Datasheet
86Kb / 2P
8 Port Gigabit Power over Ethernet Midspan
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
PD-9500G MICROSEMI-PD-9500G Datasheet
788Kb / 2P
72W/Port Gigabit EEPoE Midspan Family for High Power Terminals
9601G MICROSEMI-9601G Datasheet
378Kb / 2P
PoH 95 W, Single Port Gigabit Midspan
PD-9501GR MICROSEMI-PD-9501GR Datasheet
737Kb / 2P
Single-port, 60W Gigabit Midspan, 4-Pairs, 802.3at Compliant
logo
Microchip Technology
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-9606GC MICROCHIP-PD-9606GC Datasheet
528Kb / 2P
90W/Port Gigabit Midspan Family for High-Power Powered Devices
11/20
PD-3504G MICROCHIP-PD-3504G Datasheet
440Kb / 2P
4-port 802.3af Compliant Gigabit Midspan
5/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com