Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAPU Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # HAPU
Description  Space-saving Plug-in Signal Conditioners H-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HAPU Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  HAPU Datasheet HTML 1Page - M-System Co.,Ltd. HAPU Datasheet HTML 2Page - M-System Co.,Ltd. HAPU Datasheet HTML 3Page - M-System Co.,Ltd. HAPU Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: HAPU
HAPU SPECIFICATIONS
ES-3450 Rev.8 Page 1/4
http://www.m-system.co.jp/
Space-saving Plug-in Signal Conditioners H-UNIT
DC/FREQUENCY CONVERTER
(selectable range)
Functions & Features
• Providing a pulse rate output in proportion to DC input
signal
• Frequency range adjustable with a front-mounted 16-
position rotary switch and potentiometer
• Low-end cutout adjustable
• Highdensity mounting
Typical Applications
• Totalizing applications in combination with a counter
26 (1.02)
93
(3.66)
mm (inch)
137
(5.39)
H•UNIT
MODEL: HAPU–[1]1–[2][3]
ORDERING INFORMATION
• Code number: HAPU-[1]1-[2][3]
Specify a code from below for each of [1] through [3].
(e.g. HAPU-61-R/Q)
• Special input range (For codes Z & 0)
• Output frequency range (e.g. 0 – 100 Hz)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
A1: 4 – 20 mA DC (Input resistance 50 Ω)
B: 2 – 10 mA DC (Input resistance 500 Ω)
C: 1 – 5 mA DC (Input resistance 1000 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
E: 0 – 16 mA DC (Input resistance 62.5 Ω)
F: 0 – 10 mA DC (Input resistance 100 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Input resistance 100 kΩ min.)
2: 0 – 100 mV DC (Input resistance 100 kΩ min.)
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
OUTPUT
1: Open collector (max. frequency 10 kHz)
[2] POWER INPUT
DC Power
S: 12 V DC
(Operational voltage range 12 V ±10 %, ripple 10 %p-p max.)
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Zero adjustment: 0 – 5 % (front)
Span adjustment: 50 – 100 % of range (front)
Output frequency adjustment: Preselecting range
with a rotary switch and fine control
with span adjustment (50 – 100 %)
Low-end cutout: 0 to 10 % (front); a red LED assists in
adjusting the cutout point; turns on during the cutout.
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)
Specify input resistance value for code Z.
■ DC Voltage: -300 – +300 V DC
Minimum span: 10 mV
Offset: Max. 1.5 times span


Similar Part No. - HAPU

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HAP MSYSTEM-HAP Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
HAP-01-R MSYSTEM-HAP-01-R Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
HAP-01-R/Q MSYSTEM-HAP-01-R/Q Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
HAP-02-R MSYSTEM-HAP-02-R Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
HAP-02-R/Q MSYSTEM-HAP-02-R/Q Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
More results

Similar Description - HAPU

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HPE MSYSTEM-HPE Datasheet
101Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJPA MSYSTEM-HJPA Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJFT MSYSTEM-HJFT Datasheet
193Kb / 5P
Space-saving Plug-in Signal Conditioners H-UNIT
HJF MSYSTEM-HJF Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJDL MSYSTEM-HJDL Datasheet
138Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HAS MSYSTEM-HAS Datasheet
137Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
HVS MSYSTEM-HVS Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HVP MSYSTEM-HVP Datasheet
111Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HSP MSYSTEM-HSP Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HPR MSYSTEM-HPR Datasheet
127Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com