Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAPU Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # HAPU
Description  Space-saving Plug-in Signal Conditioners H-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HAPU Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  HAPU Datasheet HTML 1Page - M-System Co.,Ltd. HAPU Datasheet HTML 2Page - M-System Co.,Ltd. HAPU Datasheet HTML 3Page - M-System Co.,Ltd. HAPU Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: HAPU
HAPU SPECIFICATIONS
ES-3450 Rev.8 Page 2/4
http://www.m-system.co.jp/
Input resistance (Input Span: Input Resistance)
10 – 100 mV : 10 k (Ω minimum)
0.1 – 1 V : 100 k
≥ 1 V : 1 M
OUTPUT SPECIFICATIONS
■ Open Collector
Frequency range: 0 – 10 kHz
Rating: 50V DC @ 50 mA (resistive load)
ON pulse width: 0.5 sec. max. (varies according to the
frequency)
Saturation voltage: 0.6 V DC
■ FREQUENCY RANGES
SPAN RANGE
SW No.
MIN. (50%)
MAX. (100%)
0
0 – 5 kHz
0 – 10 kHz
2
0 – 1.25 kHz
0 – 2.5 kHz
5
0 – 156 Hz
0 – 312 Hz
6
0 – 78 Hz
0 – 156 Hz
7
0 – 39 Hz
0 – 78 Hz
8
0 – 20 Hz
0 – 39 Hz
9
0 – 10 Hz
0 – 20 Hz
A
0 – 5 Hz
0 – 10 Hz
C
0 – 1.25 Hz
0 – 2.5 Hz
D
0 – 36 pulses/min.
0 – 1.25 Hz
E
0 – 18 pulses/min.
0 – 36 pulses/min.
F
0 – 9 pulses/min.
0 – 18 pulses/min.
INSTALLATION
Current consumption: ≤ 70 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail; Standard Rack Mounting
Frame BX-16H available
Weight: 200 g (0.44 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.25 %
Temp. coefficient: ±0.05 %/°C (±0.03 %/°F)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute
(input to output to power)
1500 V AC @ 1 minute (input or output or power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com