Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3232ESA Datasheet(PDF) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3232ESA
Description  120kbps communication rate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3232ESA Datasheet(HTML) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LM3232ESA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3232ESA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3232ESA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3232ESA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3232ESA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3232ESA Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3232ESA Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3232ESA Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3232ESA Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
参数
符号
测试条件
最小
典型
最大
单位
速率
Speed
RL=3kΩ,
CL=1000pF
一个发送器动作
120
kbps
接收器传播延迟
tRPHL
CL=150pF
2
8.5
us
tRPLH
2
8.5
us
|tRPHL- tRPLH|
150
ns
|tTPHL- tTPLH|
150
ns
摆率
SR
RL=3kΩ~7 kΩ,
CL=150pF~1000pF
一个发送器动作,
从-3.0V~3.0V
或 3.0V~-3.0V
摆率测试电路见
图 2、3。
4
30
V/us
(如无另外说明,典型值在 VCC=+3.3V,Temp=25℃,电容 C1~C4=0.1uF 测得)
开关特性
LM3232ESA
具有±15KV ESD 保护,120kbps 通迅速率,RS232 收发器
3.3V 单电源供电双通道,
Rev :
www.leiditech.com
01.06.2018
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com