Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JRQ2 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # JRQ2
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JRQ2 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  JRQ2 Datasheet HTML 1Page - M-System Co.,Ltd. JRQ2 Datasheet HTML 2Page - M-System Co.,Ltd. JRQ2 Datasheet HTML 3Page - M-System Co.,Ltd. JRQ2 Datasheet HTML 4Page - M-System Co.,Ltd. JRQ2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: JRQ2
JRQ2 SPECIFICATIONS
ES-1576 Rev.8 Page 4/5
http://www.m-system.co.jp/
EXTERNAL VIEW
3
2
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
ON
SW1
SW3
SW2
Span Adj.
Detecting Level Adj.
Detecting Level Adj. Pin
Pulse Amplitude Selector
Input Type Selectors
Zero Adj.
Sensor Excitation Adj.
Modular Jack
Input Monitor LED PL1
Input Monitor LED PL2
Refer to the instruction manual for detailed procedures.
OPERATION
rev. 30 counts
fwd. 100 counts
4mA
20mA
rev. 100 counts
fwd. 100 counts
–10V
+10V
OUTPUT
0
+
–
FORWARD
OPEN
REVERSE
REVERSE
STOP
FORWARD
RESET
STOP
min. 500 msec.
CLOSE
B
A INPUT
INPUT
Pulse counts are added or subtracted according to the rotary encoder’s rotating directions.
The counts are added when Phase A leads Phase B by 90 degrees (Forward rotation), and
subtracted when Phase A lags behind Phase B by 90 degrees (Reverse rotation).
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
50 (1.97)
72 (2.83)
107 (4.21)
136 (5.35)
[3.3 (.13)]
60 (2.36)
72 (2.83)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
14–M3.5
SCREW
• When mounting, no extra space is needed between units.
12
5
6
14
11
1
10
15
4
3
2
7
9
8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com