Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JRQ2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # JRQ2
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JRQ2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  JRQ2 Datasheet HTML 1Page - M-System Co.,Ltd. JRQ2 Datasheet HTML 2Page - M-System Co.,Ltd. JRQ2 Datasheet HTML 3Page - M-System Co.,Ltd. JRQ2 Datasheet HTML 4Page - M-System Co.,Ltd. JRQ2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: JRQ2
JRQ2 SPECIFICATIONS
ES-1576 Rev.8 Page 1/5
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
ENCODER POSITION TRANSMITTER
(field-programmable; built-in excitation)
Functions & Features
• Converts a two-phase forward and reverse rotation pulse
signal with 90 degree phase difference into a forward and
reverse position signal
• Built-in excitation
• Field-selectable input type and range
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Measuring moving distance of a machine with a rotary
encoder
72
(2.83)
80
(3.15)
136
(5.35)
mm (inch)
MODEL: JRQ2–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: JRQ2-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. JRQ2-76-K/Q)
• Special output range (For codes Z & 0)
• Use Ordering Information Sheet (No. ESU-1576). Factory
setting (table below) will be used if not otherwise specified.
• Specify the specification for option code /Q
(e.g. /C01/S01)
Factory Setting
Input type
Open collector
Pulse amplitude
----
Noise filter
None
Detecting level
1V * (5V excitation)
2V * (12/24V excitation)
Count mode
1 count / 1 pulse
(Phase B by one pulse edge)
Input zero count
0
Input span count
1000
Alarm setpoint
100%
Alarm deadband
1.00%
Alarm mode
High alarm
Linearization
Without
Input count at power off
Not held (Cold Start)
* Detecting voltage in the internal circuit
INPUT – Field-selectable
Open collector
Voltage pulse
RS-422 line driver pulse
Two inputs (phase A and B) are required for adequate
operation of the this unit.
[1] EXCITATION
1: 5 V DC @ 120 mA
4: 12 V DC @ 60 mA
7: 24 V DC @ 25 mA
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 750 Ω max.)
B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
D: 0 – 20 mA DC (Load resistance 750 Ω max.)
E: 0 – 16 mA DC (Load resistance 900 Ω max.)
F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 100 Ω min.)
4: 0 – 10 V DC (Load resistance 1000 Ω min.)
5: 0 – 5 V DC (Load resistance 500 Ω min.)
6: 1 – 5 V DC (Load resistance 500 Ω min.)
4W: -10 – +10 V DC (Load resistance 2000 Ω min.)
5W: -5 – +5 V DC (Load resistance 1000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[3] POWER INPUT
AC Power
K: 85 – 132 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
P: 110 V DC
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating


Similar Part No. - JRQ2

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JRQ JBCAPACITORS-JRQ Datasheet
276Kb / 2P
Radial Aluminum Electrolytic Capacitor
More results

Similar Description - JRQ2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com