Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JPR2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # JPR2
Description  Plug-in Signal Conditioners M-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JPR2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  JPR2 Datasheet HTML 1Page - M-System Co.,Ltd. JPR2 Datasheet HTML 2Page - M-System Co.,Ltd. JPR2 Datasheet HTML 3Page - M-System Co.,Ltd. JPR2 Datasheet HTML 4Page - M-System Co.,Ltd. JPR2 Datasheet HTML 5Page - M-System Co.,Ltd. JPR2 Datasheet HTML 6Page - M-System Co.,Ltd. JPR2 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: JPR2
JPR2 SPECIFICATIONS
ES-1580 Rev.10 Page 1/7
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
PULSE SCALER
(field-programmable; built-in excitation)
Functions & Features
• Converts pulse rate into convenient engineering unit for
display on a totalizing counter or meter
• Various outputs
• Sensor excitation
• Scaling factor is user-programmable by simply setting
input and output frequencies via handheld programmer PU-
2x
• Isolation up to 2000 V AC
Typical Applications
• Positive displacement flowmeters or turbine flowmeters
• Converts dry contact pulse signals from a rotating
machine into an engineering unit
50
(1.97)
127
(5)
80
(3.15)
mm (inch)
MODEL: JPR2–[1][2][3][4]–[5][6]
ORDERING INFORMATION
• Code number: JPR2-[1][2][3][4]-[5][6]
Specify a code from below for each of [1] through [6].
(e.g. JPR2-4P1N-K/Q)
• Use Ordering Information Sheet (No. ESU-1580). Default
setting (table below) will be used if not otherwise specified.
• Specify the specification for option code /Q
(e.g. /C01/S01)
Factory default setting
PARAMETER
DEFAULT
Input
Open collector
Input pulse amplitude
---
Noise filter
None
Detecting level *
1V (5V excitation)
2V (12V/24V excitation)
Input pulse set count
1
Output pulse set count
1
Sampling time
0.1 second
Max. output frequency
10 Hz
One shot output
50 milliseconds
* Internal voltage
INPUT – Field-selectable
Open collector
Mechanical contact
Voltage pulse
Two-wire current pulse
RS-422 line driver pulse
[1] EXCITATION
1: 5 V DC @ 120 mA
4: 12 V DC @ 60 mA
7: 24 V DC @ 25 mA
[2] OUTPUT
A: Open collector (max. 100 kHz)
M: 5 V pulse (max. 100 kHz)
N: 12 V pulse (max. 100 kHz)
P: 24 V pulse (max. 100 kHz)
J: RS-422 line driver pulse (max. 100 kHz)
R: Noncontact AC/DC switch (max. 20 Hz)
( ) = Max. frequency
[3] OUTPUT PULSE WIDTH
1: No conversion to one-shot
3: One-shot output (std. pulse width 50 msec.)
(Specify when optional pulse width is required.)
[4] OUTPUT LOGIC
N: The same as the input
R: Inverted
[5] POWER INPUT
AC Power
K: 85 – 132 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
P: 110 V DC
[6] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL


Similar Description - JPR2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com