Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JPR2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # JPR2
Description  Plug-in Signal Conditioners M-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JPR2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  JPR2 Datasheet HTML 1Page - M-System Co.,Ltd. JPR2 Datasheet HTML 2Page - M-System Co.,Ltd. JPR2 Datasheet HTML 3Page - M-System Co.,Ltd. JPR2 Datasheet HTML 4Page - M-System Co.,Ltd. JPR2 Datasheet HTML 5Page - M-System Co.,Ltd. JPR2 Datasheet HTML 6Page - M-System Co.,Ltd. JPR2 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: JPR2
JPR2 SPECIFICATIONS
ES-1580 Rev.10 Page 2/7
http://www.m-system.co.jp/
/S01: Stainless steel
CAUTION
1) The JPR2 is not designed to output uniform pulses even
when the input wave is uniform. It is not applicable to
certain types of application.
2) The JPR2 converts the pulse counts, not frequency. For
the frequency conversion purpose, model JFR2 is
recommended.
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input or sensor exc. to output to power
Input monitor LED: Red LED blinks according to the input.
Excitation adjustment: 5 – 24 V DC
Software programming: Programming Unit (model: PU-2x);
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON)
• Input and output pulse set count (frequency)
• Sampling time
• Input pulse edge
• Max. frequency limit
• Others
Adjustments: With DIP and Rotary switches.
• Pulse amplitude
• Input type
• Noise filter
(Refer to the instruction manual for details)
Sampling time: 0.01 – 100 sec.
Buffer counter capacity: 4 294 967 295 counts
Input pulse sensing: DC coupled
INPUT SPECIFICATIONS
Excitation: Shortcircuit protection; approx. 440 mA (max.) at
shortcircuit
Max. frequency: 100 kHz
(10 Hz for mechanical contact input)
Minimum pulse width time requirement: 5 μsec.; 50 msec.
for mechanical contact (for both ON and OFF)
■ Open Collector & Mechanical Contact
Input requirements (Excitation: Sensing)
5 V: Approx. 4 V / 1.0 mA
12 V: Approx. 9 V / 2.3 mA
24 V: Approx. 16 V / 4.7 mA
Resistance at ON : ≤ 200 Ω
Resistance at OFF : ≥ 200 kΩ
Detecting level: 1 V with 5 V excitation
2 V with 12 V/24 V excitation.
(Detecting voltage in the internal circuit)
For open collector or mechanical contact input, be sure to re
-adjust the voltage back to 1 V (excitation 5 V) or 2 V
(excitation 12 V/24 V) if it has been changed for other input
types.
Detecting pulse edge: OFF (input monitor LED ON) to ON
(input monitor LED OFF) or ON to OFF
■ Voltage Pulse
Waveform: Square or sine
Input impedance: ≥ 10 kΩ
Pulse amplitude: 0.1 – 100 Vp-p (square)
1 – 100 Vp-p (sine or similar)
Max. voltage between input terminals: 50 V
Detecting level: 0 – 5 V (Detecting voltage in the internal
circuit.)
Detecting pulse state: A pulse rise detected when the input
voltage goes above the detecting level (input monitor LED
ON); a pulse sink detected when it goes below the level
(input monitor LED OFF).
■ Two-wire Current Pulse
Input resistance: Receiving resistor 100 Ω
Input range: 0 – 25 mA
Minimum pulse amplitude: 10 mA
Detecting level: 0 – 5 V
(Detecting voltage in the internal circuit.)
Detecting pulse state: The input resistor (100 Ω) converts
the current signal (0 - 25 mA) into 0 – 2.5 V. A pulse rise
detected when the voltage goes above the detecting level
(input monitor LED ON); a pulse sink detected when it goes
below the level (input monitor LED OFF).
■ RS-422 Line Driver Pulse
Receiver: Conforms to RS-422
50V max.
Amplitude
Vinp-p
t
Volts
DC Offset
■ Voltage pulse waveform



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com