Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JUA-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # JUA-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JUA-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  JUA-R Datasheet HTML 1Page - M-System Co.,Ltd. JUA-R Datasheet HTML 2Page - M-System Co.,Ltd. JUA-R Datasheet HTML 3Page - M-System Co.,Ltd. JUA-R Datasheet HTML 4Page - M-System Co.,Ltd. JUA-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: JUA
JUA SPECIFICATIONS
ES-1660 Rev.10 Page 3/5
https://www.m-system.co.jp/
• DC Voltage: 0 – 11.5 V DC
Minimum span: 4 V
Offset: Max. 1.5 times span
Load resistance: Output drive 1 mA max.
(Output: Load resistance)
0 – 10 V : 10 k (Ω min.)
0 – 5 V : 5000
1 – 5 V : 5000
■ Alarm Output: Relay contact
Rated load: 120 V AC @ 0.5 A (cos ø = 1)
240 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
Maximum switching voltage: 380V AC or 125 V DC
(To conform with EU Directive, limit the voltage to 300 V AC
(Measurement Category I) or 150 V AC (Measurement
Category II) or less.)
Maximum switching power: 120 VA or 30 W (≤ 0.5 A)
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 × 107 cycles
For maximum relay life with inductive loads, external
protection is recommended.
Alarm Trip Example (Hi/Lo)
Terminal No. in parentheses
Trip Operation in Power Failure
: Terminals 1 – 2, 9 – 10 turn ON.
0
50
100
Input
(%)
Lo Setpoint
Hi Setpoint
Hi Output
(Output 1)
(9–15)ON
Lo Output
(Output 2)
(1–2)ON
(1–11)ON
(9–10)ON
INSTALLATION
Power input
• AC: Operational voltage range: rating ±10 %,
50/60 ± 2 Hz, approx. 2.5 VA
•DC: Operational voltage range: rating ±10 %
ripple 10 %p-p max., approx. 2.5 W (105 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE in percentage of span
•DC input
Accuracy: ±0.1 %
•Thermocouple input
Accuracy: ±0.3 %
Linearization accuracy: ±0.05 %
Cold junction compensation error: ±0.5°C or ±0.9°F max.
(at 20°C ±10°C or 68°F ±18°F)
Burnout response: ≤ 10 sec.
•RTD input
Accuracy: ±0.1% or ±0.1°C, whichever is greater
(±0.3 % for 2-wire RTD)
Burnout response: ≤ 10 sec.
•Potentiometer input
Accuracy: ±0.1 %
Setting accuracy: ±0.3 % + input specific accuracy
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
(±0.03 %/°C or ±0.01 %/°F for 2-wire RTD)
Response time: ≤ 0.5 sec. (0 – 90 %)
(≤ 0.7 sec. for RTD inputs)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 min. (input to DC output
to alarm output to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (alarm output)
Installation Category II (power)
Pollution degree 2
Input or DC output or alarm output to power:
Reinforced insulation (300 V)
Input to DC output to alarm output: Basic insulation (300 V)
RoHS Directive



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com