Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JUA-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # JUA-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JUA-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  JUA-R Datasheet HTML 1Page - M-System Co.,Ltd. JUA-R Datasheet HTML 2Page - M-System Co.,Ltd. JUA-R Datasheet HTML 3Page - M-System Co.,Ltd. JUA-R Datasheet HTML 4Page - M-System Co.,Ltd. JUA-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: JUA
JUA SPECIFICATIONS
ES-1660 Rev.10 Page 1/5
https://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
UNIVERSAL TRANSMITTER
Functions & Features
• Accepting a direct input from various sensors and
providing a standard process signal
• Alarm relay outputs available
• Linearization
• Input type and I/O ranges are programmable via hand-
held programmer PU-2x or PC
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Abnormality detection for various devices
• Continuous monitoring
• Ideal for quick spare part
72
(2.83)
80
(3.15)
136
(5.35)
mm (inch)
MODEL: JUA–[1][2]
ORDERING INFORMATION
• Code number: JUA-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. JUA-B/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
ITEM
DEFAULT
Input type
1 – 5 V DC
DC output ramge
4 – 20 mA DC
Alarm outputs
Alarm output 1: Hi trip, 100%
Alarm output 2: Lo trip, 0%
Deadband (hysteresis): 0.5%
Coil energized at alarm
ON delay time: 0 sec.
Power On delay time: 10 sec.
Linearization
Proportional output
I/O characteristics
Normal
INPUT – Field-selectable
DC Current & Voltage
•Current: Usable range ±50 mA; min. span 0.03 mA
•Voltage: Usable range ±10 V; min. span 3 mV
Thermocouple
(PR), K (CA), E (CRC), J (IC), T (CC)
B (RH), R, S, WRe 5-26, N
3-wire RTD
JPt 100 (JIS '89), Pt 100 (JIS '97, IEC)
2-wire RTD
Pt 100 (JIS '97, IEC)
Potentiometer
Total resistance 100 Ω – 10 kΩ
OUTPUT
DC Current & Voltage
•Current: Spans 8 – 20 mA DC
•Voltage: Spans 4 – 11.5 V DC
Alarm Output (two)
SPDT or transfer contact
[1] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.


Similar Part No. - JUA-R

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
JUA NICHICON-JUA Datasheet
643Kb / 1P
Radial Lead Type, Lower Resistance
JUA NICHICON-JUA Datasheet
653Kb / 1P
Radial Lead Type, Lower Resistance
logo
STANLEY ELECTRIC CO.,LT...
JUA1117AS-TR STANLEY-JUA1117AS-TR Datasheet
734Kb / 24P
Thinner package, Orange color emitting LED
logo
Nichicon corporation
JUAT1255MPD NICHICON-JUAT1255MPD Datasheet
643Kb / 1P
Radial Lead Type, Lower Resistance
JUAT1255MPD NICHICON-JUAT1255MPD Datasheet
653Kb / 1P
Radial Lead Type, Lower Resistance
More results

Similar Description - JUA-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
PNT MSYSTEM-PNT Datasheet
93Kb / 2P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com