Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JARP2 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # JARP2
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JARP2 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  JARP2 Datasheet HTML 1Page - M-System Co.,Ltd. JARP2 Datasheet HTML 2Page - M-System Co.,Ltd. JARP2 Datasheet HTML 3Page - M-System Co.,Ltd. JARP2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: JARP2
JARP2 SPECIFICATIONS
ES-1570 Rev.6 Page 4/4
http://www.m-system.co.jp/
TERMINAL ASSIGNMENTS unit: mm (inch)
7
8
2
1
11
10
3
9
4
INPUT RESISTOR
(model: REM)
5
6
Input shunt resistor attached
for current input.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
2
+
–
+
–
1
+
–
1
2
+
–
+
–
Isolation
*
Base Socket
*Input shunt resistor attached for current input.
INPUT
5
Volt. / Freq.
Converter
A
Out. Driver
B
Out. Driver
R
6
3
4
+
–
1
2
Z
S
U(+)
V(–)
POWER
7
8
Computation
A OUTPUT
+
–
10
11
B OUTPUT
SERIAL TRANSMISSION LINE
PU-2x
MODULAR JACK
–
+
ALARM OUTPUT
■ Voltage Pulse
I
I
I
I
A
OUT.
MON.
I
B
OUT.
MON.
I
■ Open Collector
Output Connection Examples
■ RS-422 Line Driver Pulse
Ry
+
–
1
2
+
–
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com