Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JARP2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # JARP2
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JARP2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  JARP2 Datasheet HTML 1Page - M-System Co.,Ltd. JARP2 Datasheet HTML 2Page - M-System Co.,Ltd. JARP2 Datasheet HTML 3Page - M-System Co.,Ltd. JARP2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: JARP2
JARP2 SPECIFICATIONS
ES-1570 Rev.6 Page 2/4
http://www.m-system.co.jp/
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to alarm output to output to power
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Alarm output: Turns on when the input goes above (high) or
below (low) setpoint
Alarm setpoint: -5 – +105 %
Alarm deadband (hysteresis): 0 – 20 %
Output monitor LED: Red LED turns on according to the
output (phase A and B).
Power ON delay time: 2.0 to 1000.0 sec.
Software programming: Programming Unit (model: PU-2x);
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON)
• Output frequency (zero and span)
• Alarm
• Power ON delay time
• Others
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)
Specify input resistance value for code Z.
■ DC Voltage: -300 – +300 V DC
Minimum span: 10 mV
Offset: Max. 1.5 times span
Input resistance
Span 10 – 100 mV : ≥ 10 kΩ
Span 0.1 – 1 V : ≥ 100 kΩ
Span ≥ 1 V : ≥ 1 MΩ
OUTPUT SPECIFICATIONS
Phase angle: ±90°
Forward (positive output): Phase A = Phase B + 90°
Reverse (negative output): Phase A = Phase B – 90°
Frequency range: 100 mHz to 10 kHz (RNG1 to RNG6)
[ Range name : Available frequency ]
RNG1 10 kHz: -20 – +20 kHz
RNG2 1 kHz: -2 – +2 kHz
RNG3 100 Hz: -200 – +200 Hz
RNG4 10 Hz: -20 – +20 Hz
RNG5 1 Hz: -2 – +2 Hz
RNG6 100 mHz: -200 – +200 mHz
Min. span: 10 % of available frequency range
Duty ratio: 50 %
■ Open Collector: 50 V DC @50 mA (resistive load)
Saturation voltage: 0.6 V DC
■ Voltage Pulse
H level: Rating 5, 12 or 24 V ±10 %
L level: ≤ 0.5 V
Load resistance: ≥ 1 kΩ (5 V), ≥ 2.4 kΩ (12 V), ≥ 4.8 kΩ (24
V)
■ RS-422 Line Driver Pulse
Transmitter: Conforms to RS-422
■ Relay Contact:
100 V AC @ 1 A (cos ø = 1)
120 V AC @ 1 A (cos ø = 1)
240 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
Maximum switching voltage: 380 V AC or 125 V DC
Maximum switching power: 120 VA or 30 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 x 107 cycles (300 cycle/minute)
INSTALLATION
Power input
•AC: Operational voltage range 85 – 264 V, 47 - 66 Hz;
Approx. 4.1 VA at 100 V
Approx. 5.9 VA at 200 V
Approx. 7.7 VA at 264 V
•DC: Operational voltage range: rating ±10 %, or 85 – 150 V
for 110 V rating (ripple 10 % p-p max.)
Approx. 2.8 W (120 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 280 g (0.62 lb)
PERFORMANCE in percentage of span
Accuracy
Output 10 kHz range: ±0.3 %
Output ≤ 1 kHz range: ±0.1 %
Alarm setpoint accuracy: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: 0.3 sec. + (one cycle at 100 % output)
Time required from a step input (0 – 100 %) to the first
pulse output.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (input to alarm
output to output to power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com