Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JAPD2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # JAPD2
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JAPD2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  JAPD2 Datasheet HTML 1Page - M-System Co.,Ltd. JAPD2 Datasheet HTML 2Page - M-System Co.,Ltd. JAPD2 Datasheet HTML 3Page - M-System Co.,Ltd. JAPD2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: JAPD2
JAPD2 SPECIFICATIONS
ES-1571 Rev.6 Page 1/4
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
DC/FREQUENCY CONVERTER
(field-programmable)
Functions & Features
• Providing a pulse rate output in proportion to DC input
signal
• Parameters are field-programmable via hand-held
programmer PU-2x
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Monitoring & control of power supply system
• Quick countermeasure applicable even in failure or in
sudden voltage change
50
(1.97)
127
(5)
80
(3.15)
mm (inch)
MODEL: JAPD2–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: JAPD2–[1][2]–[3][4]
Specify a code from below for each of[1] through [4].
(e.g. JAPD2-6A-S/Q)
• Special input range (For codes Z & 0)
• Use Ordering Information Sheet (No. ESU-1571).
Default setting (table below) will be used if not otherwise
specified.
• Specify the specification for option code /Q
(e.g. /C01/S01)
ITEM
DEFAULT
Output zero frequency
1 kHz
Output span frequency
(10 Hz for output code R)
Alarm setpoint
100.00%
Alarm hysteresis
1.00%
Alarm mode
No alarm
Power ON-delay time
3.0 sec.
0 kHz
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
A1: 4 – 20 mA DC (Input resistance 50 Ω)
B: 2 – 10 mA DC (Input resistance 500 Ω)
C: 1 – 5 mA DC (Input resistance 1000 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
E: 0 – 16 mA DC (Input resistance 62.5 Ω)
F: 0 – 10 mA DC (Input resistance 100 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Input resistance 10 kΩ min.)
2: 0 – 100 mV DC (Input resistance 100 kΩ min.)
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[2] OUTPUT
A: Open collector
M: 5 V pulse
N: 12 V pulse
P: 24 V pulse
J: RS-422 line driver pulse
R: AC/DC switch
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
P: 110 V DC
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel


Similar Part No. - JAPD2

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
JAP KEXIN-JAP Datasheet
40Kb / 2P
High-speed double diode
logo
Juniper Networks, Inc.
JAPAW JUNIPER-JAPAW Datasheet
664Kb / 3P
Junos Application Aware
More results

Similar Description - JAPD2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com