Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JAPD2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # JAPD2
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JAPD2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  JAPD2 Datasheet HTML 1Page - M-System Co.,Ltd. JAPD2 Datasheet HTML 2Page - M-System Co.,Ltd. JAPD2 Datasheet HTML 3Page - M-System Co.,Ltd. JAPD2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: JAPD2
JAPD2 SPECIFICATIONS
ES-1571 Rev.6 Page 2/4
http://www.m-system.co.jp/
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to alarm output to output to power
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Alarm output: Turns on when the input goes above (high) or
below (low) setpoint
Alarm setpoint: -5 – +105 %
Alarm deadband (hysteresis): 0 – 20 %
Output monitor LED: Red LED turns on when the output is
ON or high.
Power ON delay time: 2.0 to 1000.0 sec.
Software programming: Programming Unit (model: PU-2x);
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON)
• Output frequency (zero and span)
• Alarm
• Power ON delay time
• Others
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)
Specify input resistance value for code Z.
■ DC Voltage: -300 – +300 V DC
Minimum span: 10 mV
Offset: Max. 1.5 times span
Input resistance
Span 10 – 100 mV : ≥ 10 kΩ
Span 0.1 – 1 V : ≥ 100 kΩ
Span ≥ 1 V : ≥ 1 MΩ
OUTPUT SPECIFICATIONS
Frequency range: 100 mHz to 10 kHz (RNG1 to RNG6)
[ Range name : Available frequency ]
RNG1 10 kHz: 0 – 20 kHz
RNG2 1 kHz: 0 – 2 kHz
RNG3 100 Hz: 0 – 200 Hz
RNG4 10 Hz: 0 – 20 Hz
RNG5 1 Hz: 0 – 2 Hz
RNG6 100 mHz: 0 – 200 mHz
Min. span: 10 % of available frequency range
Duty ratio: 50 %
■ Open Collector: 50 V DC @50 mA (resistive load)
Saturation voltage: 0.6 V DC
■ Voltage Pulse
H level: Rating 5, 12 or 24 V ±10 %
L level: ≤ 0.5 V
Load resistance: ≥ 1 kΩ (5 V), ≥ 2.4 kΩ (12 V), ≥ 4.8 kΩ (24
V)
■ Noncontact AC/DC Switch: 120 V AC or 120 V DC @200
mA (resistive load)
ON resistance: 3 Ω max.
Rise time: 5 msec.
Sink time: 3 msec.
■ RS-422 Line Driver Pulse
Transmitter: Conforms to RS-422
■ Relay Contact:
100 V AC @ 1 A (cos ø = 1)
120 V AC @ 1 A (cos ø = 1)
240 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
Maximum switching voltage: 380 V AC or 125 V DC
Maximum switching power: 120 VA or 30 W
Minimum load: 5 V DC @ 10 mA
Mechanical life: 5 x 107 cycles (300 cycle/minute)
INSTALLATION
Power input
•AC: Operational voltage range 85 – 264 V, 47 - 66 Hz;
Approx. 3.2 VA at 100 V
Approx. 5.1 VA at 200 V
Approx. 6.9 VA at 264 V
•DC: Operational voltage range: rating ±10 %, or 85 – 150 V
for 110 V rating (ripple 10 % p-p max.)
Approx. 2.5 W (100 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 280 g (0.62 lb)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com