Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVPN Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # HVPN
Description  Space-saving Plug-in Signal Conditioners H-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HVPN Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  HVPN Datasheet HTML 1Page - M-System Co.,Ltd. HVPN Datasheet HTML 2Page - M-System Co.,Ltd. HVPN Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: HVPN
HVPN SPECIFICATIONS
ES-3440 Rev.15 Page 1/3
https://www.m-system.co.jp/
Space-saving Plug-in Signal Conditioners H-UNIT
LOOP POWERED I/P TRANSDUCER
Functions & Features
• Converting a DC input into a proportional standard
pneumatic signal
• Loop powered
• Semiconductor pressure sensor in the feedback circuit
• High resolution
• No mounting position effect
• Highdensity mounting
Typical Applications
• Converting a 4 – 20 mA from a PID controller into a
pneumatic signal
HVP
H•UNIT
25 (.98)
150
(5.91)
mm (inch)
120
(4.72)
MODEL: HVPN–[1]A[2]
ORDERING INFORMATION
• Code number: HVPN-[1]A[2]
Specify a code from below for each of [1] and [2].
(e.g. HVPN-2A2S)
[1] PNEUMATIC CONNECTION
2: Rc 1/4"
7: 1/4" NPT fitting
INPUT
Current
A: 4 – 20 mA DC
[2] OUTPUT
1S: 19.6 – 98.1 kPa
2S: 20 – 100 kPa
3S: 20.7 – 103.4 kPa
1: 0.2 – 1.0 kgf/cm2
2: 0.2 – 1.0 bar
3: 3 – 15 psig
RELATED PRODUCTS
Mounting Block is required. See the data sheet for model
MB.
• Code number of the Mounting Block (e.g. MB-08)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Pneumatic: Rc 1/4" or 1/4" NPT female;
(torque ≤ 12 N·m)
Material
• Housing: Flame-resistant resin (black)
• Base socket: Die cast aluminium
• Valve section: Die cast aluminium
• Screw terminals: Nickel-plated steel;
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
Equivalent input impedance: Approx. 310 Ω at 20 mA
The voltage measure at the input terminals changes
corresponding to the input signal as in the diagram below.
Be sure that the device at the input side allows the load
increase.
INPUT CURRENT [mA]
4
12
20
approx. 6.2
approx. 5.7
5.8
6.0
OUTPUT SPECIFICATIONS
■ Output:
19.6 – 98.1 kPa, 0.2 – 1.0 kgf/cm2
20 – 100 kPa, 0.2 – 1.0 bar
20.7 – 103.4 kPa, 3 – 15 psig
The output goes below 0 % if the input loop is open.
Maximum air delivery: 60 Nl/minute (2.1 SCFM)
Maximum air exhaust: 60 Nl/minute (2.1 SCFM)
INSTALLATION
Supply pressure: 140 kPa (1.4 kgf/cm2, 1.4 bar, 20 psig)
±10 %. Use dry air containing no carbon black or other
foreign particles. To ensure reliability use an air filter (0.01
microns).
Air consumption: 6 Nl/minute (0.21 SCFM)


Similar Part No. - HVPN

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HVP TTELEC-HVP Datasheet
278Kb / 2P
Small footprint
logo
M-System Co.,Ltd.
HVP MSYSTEM-HVP Datasheet
111Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
logo
Anshan Leadsun Electron...
HVP-08 LEADSUN-HVP-08 Datasheet
305Kb / 1P
High Voltage Silicon Assembly Series
logo
GETAI ELECTRONICS DEVIC...
HVP-10 GETEDZ-HVP-10 Datasheet
127Kb / 1P
10kV 750mA HIGH VOLTAGE DIODES
logo
SUNMATE electronic Co.,...
HVP-10 SUNMATE-HVP-10 Datasheet
701Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
More results

Similar Description - HVPN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HPE MSYSTEM-HPE Datasheet
101Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJPA MSYSTEM-HJPA Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJFT MSYSTEM-HJFT Datasheet
193Kb / 5P
Space-saving Plug-in Signal Conditioners H-UNIT
HJF MSYSTEM-HJF Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJDL MSYSTEM-HJDL Datasheet
138Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HAS MSYSTEM-HAS Datasheet
137Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
HVS MSYSTEM-HVS Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HVP MSYSTEM-HVP Datasheet
111Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HSP MSYSTEM-HSP Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HPR MSYSTEM-HPR Datasheet
127Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com