Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVPN Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # HVPN
Description  Space-saving Plug-in Signal Conditioners H-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HVPN Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  HVPN Datasheet HTML 1Page - M-System Co.,Ltd. HVPN Datasheet HTML 2Page - M-System Co.,Ltd. HVPN Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: HVPN
HVPN SPECIFICATIONS
ES-3440 Rev.15 Page 2/3
https://www.m-system.co.jp/
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface; Standard Rack Mounting Frame (BX-
16H) available
Weight: 400 g (0.88 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.3 % including linearity and repeatability
Linearity: ±0.2 %
Repeatability: 0.1 %
Temp. coefficient: ±0.05 %/°C (±0.03 %/°F)
Response time: ≤ 3 sec. (0 – 90 %)
Mounting position effect: ±0.1 % (all dimensions)
Dielectric strength: 1500 V AC @ 1 minute
(input to housing)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
1
2
3
4
25 (.98)
25 (.98)
15 (.59)
2–4.3 (.17) dia.
MTG HOLE
MOUNTING BLOCK
103 (4.06)
24 (.94)
14 (.55)
123 (4.84)
150 (5.91)
SUPPLY CONNECTION
Rc 1/4” or 1/4” NPT
OUTPUT
CONNECTION
*NPT FITTING
•When mounting, no extra space
is needed between units.
4–M3.5
SCREW
*Fitting is provided for 1/4” NPT connection.
8.3
(.32)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com