Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-MSHT Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # MF-MSHT
Description  MF-MSHT Series ??PTC Resettable Fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-MSHT Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  MF-MSHT Datasheet HTML 1Page - Bourns Electronic Solutions MF-MSHT Datasheet HTML 2Page - Bourns Electronic Solutions MF-MSHT Datasheet HTML 3Page - Bourns Electronic Solutions MF-MSHT Datasheet HTML 4Page - Bourns Electronic Solutions MF-MSHT Datasheet HTML 5Page - Bourns Electronic Solutions MF-MSHT Datasheet HTML 6Page - Bourns Electronic Solutions MF-MSHT Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MF-MSHT Series – PTC Resettable Fuses
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
Solder Reflow Recommendations
TP
TP
tp
ts
T TO
RAMP-UP
L
TL
t L
25
Ts max
Ts min
PREHEAT
Time
CRITICAL ZONE
RAMP-DOWN
t 25 °C TO PEAK
Notes:
• MF-MSHT models are intended for reflow soldering
(including, but not limited to heating plate, hot air, IR,
nitrogen, and vapor phase).
• Wave soldering is permissible only if the device is on the top
of the PCB, opposite the heat source.
• Hand soldering is not recommended for these devices.
• All temperatures refer to the topside of the device, measured
on the device body surface.
• If reflow temperatures exceed the recommended profile,
devices may not meet the published specifications.
• Compatible with Pb and Pb-free solder reflow profiles.
• Excess solder may cause a short circuit.
• Please refer to the Multifuse® Polymer PTC Resettable Fuse
Soldering Recommendations document for more details.
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3 °C / second max.
PREHEAT:
Temperature Min. (Tsmin)
Temperature Max. (Tsmax)
Time (Tsmin to Tsmax) (ts)
150 °C
200 °C
60~180 seconds
TIME MAINTAINED ABOVE:
Temperature (TL)
Time (tL)
217 °C
60~150 seconds
Peak Temperature (Tp)
260 °C
Time within 5 °C of Actual Peak Temperature (tp)
20~40 seconds
Ramp-Down Rate
6 °C / second max.
Time 25 °C to Peak Temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com