Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-MSHT Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-MSHT
Description  MF-MSHT Series ??PTC Resettable Fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-MSHT Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-MSHT Datasheet HTML 1Page - Bourns Electronic Solutions MF-MSHT Datasheet HTML 2Page - Bourns Electronic Solutions MF-MSHT Datasheet HTML 3Page - Bourns Electronic Solutions MF-MSHT Datasheet HTML 4Page - Bourns Electronic Solutions MF-MSHT Datasheet HTML 5Page - Bourns Electronic Solutions MF-MSHT Datasheet HTML 6Page - Bourns Electronic Solutions MF-MSHT Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MF-MSHT Series – PTC Resettable Fuses
Product Dimensions
Model
A
B
C
D
E
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Min.
MF-MSHT020KX
4.37
(.172)
4.83
(.190)
3.07
(.121)
3.41
(.134)
0.40
(.016)
0.85
(.033)
0.30
(.012)
0.05
(.002)
MF-MSHT035KX
MF-MSHT050KX
MF-MSHT075KX
MF-MSHT110KX
4.37
(.172)
4.83
(.190)
3.07
(.121)
3.41
(.134)
0.60
(.024)
1.20
(.047)
MF-MSHT125KX
4.37
(.172)
4.83
(.190)
3.07
(.121)
3.41
(.134)
0.80
(.031)
1.60
(.063)
MF-MSHT150KX
MF-MSHT175KX
Top View
Side View
Bottom View
Recommended Pad Layout
A
MARKING
C
D
E
B
2.95
(.116)
3.10
(.122)
1.68
(.066)
1.68
(.066)
Top View
Side View
Bottom View
Recommended Pad Layout
A
MARKING
C
D
E
B
2.95
(.116)
3.10
(.122)
1.68
(.066)
1.68
(.066)
Terminal Material:
ENIG-plated terminals
Thermal Derating Table - Ihold (Amps)
Model
Ambient Operating Temperature
-40 °C
-20 °C
0 °C
+23 °C
+40 °C
+50 °C
+60 °C
+70 °C
+85 °C
+125 °C
MF-MSHT020KX
0.29
0.26
0.23
0.20
0.18
0.16
0.15
0.13
0.11
0.05
MF-MSHT035KX
0.51
0.46
0.41
0.35
0.31
0.28
0.26
0.23
0.20
0.09
MF-MSHT050KX
0.73
0.66
0.58
0.50
0.44
0.41
0.37
0.34
0.28
0.14
MF-MSHT075KX
1.09
0.98
0.87
0.75
0.66
0.61
0.56
0.50
0.42
0.20
MF-MSHT110KX
1.60
1.44
1.28
1.10
0.97
0.89
0.81
0.74
0.62
0.30
MF-MSHT125KX
1.81
1.64
1.45
1.25
1.10
1.01
0.93
0.84
0.70
0.34
MF-MSHT150KX
2.18
1.97
1.74
1.50
1.32
1.22
1.11
1.01
0.84
0.41
MF-MSHT175KX
2.54
2.29
2.03
1.75
1.54
1.42
1.30
1.17
0.98
0.47
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Applications
n
Overcurrentsurgeprotectionofelectronicequipmentrequiredtooperateathighoperating
temperatureranges
n
Robustresettablefaultprotectionforindustrialtransportation,communication,security,and
consumerelectronicequipment



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com