Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1925142 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1925142
Description  Printed-circuit board connector - FKIC 2,5/ 2-ST-5,08 BD:-
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1925142 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1925142 Datasheet HTML 1Page - PHOENIX CONTACT 1925142 Datasheet HTML 2Page - PHOENIX CONTACT 1925142 Datasheet HTML 3Page - PHOENIX CONTACT 1925142 Datasheet HTML 4Page - PHOENIX CONTACT 1925142 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1925142
10/23/2014   Page 1 / 5
Printed-circuit board connector - FKIC 2,5/ 2-ST-5,08 BD:+- - 1925142
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 2, Pitch: 5.08 mm,
Connection method: Spring-cage connection, Color: green, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
3.85 GRM
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5.08 mm
Dimension a
5.08 mm
General
Range of articles
FKIC 2,5/..-ST
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Maximum load current
12 A
Insulating material
PA
Inflammability class according to UL 94
V0
Internal cylindrical gage
A2
Stripping length
10 mm
Number of positions
2
Connection data


Similar Part No. - 1925142

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
19251 FESTO-19251 Datasheet
83Kb / 2P
ISO cylinder
More results

Similar Description - 1925142

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1873375 PHOENIX-1873375 Datasheet
221Kb / 14P
Printed-circuit board connector - FKIC 2,5/ 4-ST-5,08
1942594 PHOENIX-1942594 Datasheet
174Kb / 11P
Printed-circuit board connector - FKIC 2,5 HC/ 2-ST-5,08
1722325 PHOENIX-1722325 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBW 2,5/ 2-ST-5,08 BD:1-2
1742347 PHOENIX-1742347 Datasheet
80Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 2-ST-5,08 BD:1,2
1873472 PHOENIX-1873472 Datasheet
217Kb / 14P
Printed-circuit board connector - FKIC 2,5/14-ST-5,08
1803769 PHOENIX-1803769 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 2-ST-5,08 BD:,-
1875823 PHOENIX-1875823 Datasheet
78Kb / 4P
Printed-circuit board connector - IC 2,5/ 2-ST-5,08 BD:,-
1910678 PHOENIX-1910678 Datasheet
92Kb / 5P
Printed-circuit board connector - FKIC 2,5/ 2-ST
1960903 PHOENIX-1960903 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 2-ST-5,08 BD NZ
1942617 PHOENIX-1942617 Datasheet
164Kb / 12P
Printed-circuit board connector - FKIC 2,5 HC/ 4-ST-5,08
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com