Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1925142 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1925142
Description  Printed-circuit board connector - FKIC 2,5/ 2-ST-5,08 BD:-
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1925142 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1925142 Datasheet HTML 1Page - PHOENIX CONTACT 1925142 Datasheet HTML 2Page - PHOENIX CONTACT 1925142 Datasheet HTML 3Page - PHOENIX CONTACT 1925142 Datasheet HTML 4Page - PHOENIX CONTACT 1925142 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/1925142
10/23/2014   Page 2 / 5
Printed-circuit board connector - FKIC 2,5/ 2-ST-5,08 BD:+- - 1925142
Technical data
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
1.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
16
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, max.
1 mm²
Minimum AWG according to UL/CUL
26
Maximum AWG according to UL/CUL
12
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440309
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002638
ETIM 5.0
EC002638
UNSPSC
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409
UNSPSC 11
39121409
UNSPSC 12.01
39121409



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com