Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1925362 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1925362
Description  Printed-circuit board connector - MVSTBR 2,5/10-ST BD:1-10
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1925362 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1925362 Datasheet HTML 1Page - PHOENIX CONTACT 1925362 Datasheet HTML 2Page - PHOENIX CONTACT 1925362 Datasheet HTML 3Page - PHOENIX CONTACT 1925362 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1925362
10/23/2014   Page 1 / 4
Printed-circuit board connector - MVSTBR 2,5/10-ST BD:1-10 - 1925362
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Number of positions: 10, Pitch: 5 mm, Connection method: Screw
connection, Color: green, Contact surface: Tin
Key commercial data
Packing unit
1 pc
Minimum order quantity
50 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5 mm
Dimension a
45 mm
General
Range of articles
MVSTBR 2,5/..-ST
Rated voltage (III/3)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Number of positions
10
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1 mm²


Similar Part No. - 1925362

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
19253 ETC2-19253 Datasheet
1Mb / 4P
Calibration Unit for Testers Installation, Operation and Maintenance
logo
DESCO INDUSTRIES INC
19253 DESCO-19253 Datasheet
399Kb / 3P
Calibration Unit for Testers Installation, Operation and Maintenance
February 2019
logo
PHOENIX CONTACT
1925333 PHOENIX-1925333 Datasheet
57Kb / 4P
Printed-circuit board connector - QC 0,5/ 2-ST-3,81 BK
1925346 PHOENIX-1925346 Datasheet
56Kb / 4P
Printed-circuit board connector - QC 0,5/ 3-ST-3,81 BK
1925359 PHOENIX-1925359 Datasheet
56Kb / 4P
Printed-circuit board connector - QC 0,5/ 4-ST-3,81 BK
More results

Similar Description - 1925362

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1758403 PHOENIX-1758403 Datasheet
75Kb / 6P
Printed-circuit board connector - MSTB 2,5/10-ST-5,08 BD:1-10
1740916 PHOENIX-1740916 Datasheet
63Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/10-ST-5,08 BK
1741830 PHOENIX-1741830 Datasheet
57Kb / 4P
Printed-circuit board connector - FKC 2,5/10-ST-5,08 BD:1-10
1742347 PHOENIX-1742347 Datasheet
80Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 2-ST-5,08 BD:1,2
1792472 PHOENIX-1792472 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/10-ST BK
1964996 PHOENIX-1964996 Datasheet
56Kb / 4P
Printed-circuit board connector - FK-MC 0,5/10-ST-2,5 BD:1-10
1835562 PHOENIX-1835562 Datasheet
80Kb / 6P
Printed-circuit board connector - MVSTBR 2,5/10-STF
1860346 PHOENIX-1860346 Datasheet
58Kb / 4P
Printed-circuit board connector - MC 1,5/10-ST-3,81 BD:1-10
1876589 PHOENIX-1876589 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 3-ST BD:1-3
1960903 PHOENIX-1960903 Datasheet
59Kb / 4P
Printed-circuit board connector - MVSTBR 2,5/ 2-ST-5,08 BD NZ
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com