Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1925362 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1925362
Description  Printed-circuit board connector - MVSTBR 2,5/10-ST BD:1-10
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1925362 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1925362 Datasheet HTML 1Page - PHOENIX CONTACT 1925362 Datasheet HTML 2Page - PHOENIX CONTACT 1925362 Datasheet HTML 3Page - PHOENIX CONTACT 1925362 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/1925362
10/23/2014   Page 2 / 4
Printed-circuit board connector - MVSTBR 2,5/10-ST BD:1-10 - 1925362
Technical data
Connection data
2 conductors with same cross section, stranded min.
0.2 mm²
2 conductors with same cross section, stranded max.
1.5 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, max.
1 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, max.
1.5 mm²
Minimum AWG according to UL/CUL
30
Maximum AWG according to UL/CUL
12
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27141190
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440309
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002638
ETIM 5.0
EC002638
UNSPSC
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409
UNSPSC 11
39121409
UNSPSC 12.01
39121409
UNSPSC 13.2
39121409
Approvals
Approvals



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com