Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMM140-004PL Datasheet(PDF) 1 Page - IXYS Corporation

Part # FMM140-004PL
Description  Trench Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FMM140-004PL Datasheet(HTML) 1 Page - IXYS Corporation

  FMM140-004PL Datasheet HTML 1Page - IXYS Corporation FMM140-004PL Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2003 IXYS All rights reserved
Advanced Technical Information
IXYS reserves the right to change limits, test conditions and dimensions.
FMM 140-004PL
I
D25
= 140 A
V
DSS
= 40 V
R
DSon = 4.0
m
Ω
Ω
Ω
Ω
Ω
Trench Power MOSFET
logic level gate control
-Phaseleg Topology-
in ISOPLUS i4-PACTM
Features
•
trench MOSFET
- logic level gate control
- very low on state resistance R
DSon
- fast switching
- fast body diode
• ISOPLUS i4-PACTM package
- isolated back surface
- low coupling capacity between pins
and heatsink
- enlarged creepage towards heatsink
- application friendly pinout
- low inductive current path
- high reliability
- industry standard outline
- UL registered, E 72873
Applications
• automotive
- AC drives - starter generator
for 12/14V etc.
- choppers - replacing series resistors
for DC drives, heating etc.
- DC-DC converters
- electronic switches -replacing relays
and fuses
• power supplies
- DC-DC converters
- solar inverters
- converters for fuel cells
• battery supplied systems
- choppers or inverters for drives in
hand held tools
- battery chargers
MOSFET T1/T2
Symbol
Conditions
Maximum Ratings
V
DSS
T
VJ = 25°C to TVJmax
40
V
V
GS
±20
V
I
D25
T
C = 25°C
140
A
I
D90
T
C = 90°C
100
A
I
F25
(diode) T
C = 25°C
90
A
I
F90
(diode) T
C = 90°C
60
A
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
R
DSon
V
GS = 10 V; ID = 70 A
4.0
5.1 m
Ω
V
GSth
V
DS = 20 V; ID = 1 mA;
1.1
2
V
I
DSS
V
DS = 40 V; VGS = 0 V; TVJ =
25°C
1
µA
T
VJ = 125°C
0.1
mA
I
GSS
V
GS = ±20 V; VDS = 0 V
200
nA
Q
g
58
nC
Q
gs
11
nC
Q
gd
19
nC
t
d(on)
45
ns
t
r
120
ns
t
d(off)
200
ns
t
f
130
ns
V
F
(diode) I
F = 70 A; VGS = 0 V
1.1
1.6
V
t
rr
(diode) I
F = 20 A; -di/dt = 100 A/µs; VDS = 30 V
70
ns
R
thJC
1.3 K/W
R
thJS
tbd
K/W
V
GS= 5 V; VDS = 14 V; ID = 25 A
V
GS= 5 V; VDS = 30 V;
I
D = 25 A; RG = 10 Ω
IXYS Semiconductor GmbH
Edisonstr. 15,
D-68623 Lampertheim
Phone: +49-6206-503-0, Fax: +49-6206-503627
IXYS Corporation
3540 Bassett Street, Santa Clara CA 95054
Phone: (408) 982-0700, Fax: 408-496-0670
1
5
T1
T2
1
5
3
4
2


Similar Part No. - FMM140-004PL

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FMM140 RECTRON-FMM140 Datasheet
355Kb / 4P
LOW Vf SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - FMM140-004PL

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FMM200-0075P IXYS-FMM200-0075P Datasheet
116Kb / 2P
Trench Power MOSFET
FMM300-0055P IXYS-FMM300-0055P Datasheet
46Kb / 2P
Trench Power MOSFET
IXUC160N075 IXYS-IXUC160N075 Datasheet
55Kb / 2P
Trench Power MOSFET
FMM200-004PL IXYS-FMM200-004PL Datasheet
46Kb / 2P
Trench Power MOSFET
FMM65-015P IXYS-FMM65-015P Datasheet
30Kb / 2P
Trench Power MOSFET
logo
ON Semiconductor
NTMD4102PR2 ONSEMI-NTMD4102PR2 Datasheet
47Kb / 4P
Trench Power MOSFET
March, 2003 - Rev. 0
logo
ZP Semiconductor
NTR4101P ZPSEMI-NTR4101P Datasheet
232Kb / 2P
Trench Power MOSFET
logo
ON Semiconductor
NTR4101P ONSEMI-NTR4101P_16 Datasheet
81Kb / 5P
Trench Power MOSFET
October, 2016 ??Rev. 12
NTJS3157N ONSEMI-NTJS3157N_13 Datasheet
111Kb / 6P
Trench Power MOSFET
January, 2013 ??Rev. 3
NTJS3151P ONSEMI-NTJS3151P_16 Datasheet
73Kb / 5P
Trench Power MOSFET
June, 2016 ??Rev. 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com