Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4047B Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF4047B
Description  LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4047B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF4047B Datasheet HTML 3Page - STMicroelectronics HCF4047B Datasheet HTML 4Page - STMicroelectronics HCF4047B Datasheet HTML 5Page - STMicroelectronics HCF4047B Datasheet HTML 6Page - STMicroelectronics HCF4047B Datasheet HTML 7Page - STMicroelectronics HCF4047B Datasheet HTML 8Page - STMicroelectronics HCF4047B Datasheet HTML 9Page - STMicroelectronics HCF4047B Datasheet HTML 10Page - STMicroelectronics HCF4047B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HCF4047B
7/12
coupling "Q" to an external "N" counter and
resetting the counter with the trigger pulse. The
counter output pulse is fed back to the ASTABLE
input and has a duration equal to N times the
period of the multivibrator. A high level on the
EXTERNAL RESET input assures no output pulse
during an "ON" power condition. This input can
also be activated to terminate the output pulse at
any time. In the monostable mode, a high-level or
power-on reset pulse, must be applied to the
EXTERNAL RESET whenever VDD is applied.
2 - ASTABLE MODE
The
following
analysis
presents
worst-case
variations from unit-to-unit as a function of
transfer-voltage (VTR) shift (33% - 67% VDD) for
free-running (astable) operation.
ASTABLE MODE WAVEFORMS
Typ : VTR = 0.5 VDD tA = 4.40 RC
Min : VTR = 0.33 VDD tA = 4.62 RC
Max : VTR = 0.67 VDD tA = 4.62 RC
thus if tA = 4.40 RC is used, the maximum
variation will be (+ 5.0%, -0.0%)
In addition to variations from unit-to-unit, the
astable period may vary as a function of frequency
with respect to VDD and temperature.
3 - MONOSTABLE MODE
The
following
analysis
presents
worst-case
variations from unit-to-unit as a function of
transfer-voltage (VTR) shift (33% - 67% VDD) for
one-shot (monostable) operation.
MONOSTABLE WAVEFORMS
VTR
t1 = -RC In —————
VDD + VTR
VDD - VTR
t2 = -RC In —————
2VDD - VTR
(VTR)(VDD - VTR)
t3 = 2(t1+t2)= -2RC In ———————————
(VDD + VTR)(2VDD - VTR)
VTR
t1 = -RC In ———
2VDD
VDD - VTR
t2 = -RC In —————
2VDD - VTR
(VTR)(VDD - VTR)
tM = (t1+t2)= -RC In —————————
(2VDD - VTR)(2VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com