Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4047B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4047B
Description  LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4047B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4047B Datasheet HTML 1Page - STMicroelectronics HCF4047B Datasheet HTML 2Page - STMicroelectronics HCF4047B Datasheet HTML 3Page - STMicroelectronics HCF4047B Datasheet HTML 4Page - STMicroelectronics HCF4047B Datasheet HTML 5Page - STMicroelectronics HCF4047B Datasheet HTML 6Page - STMicroelectronics HCF4047B Datasheet HTML 7Page - STMicroelectronics HCF4047B Datasheet HTML 8Page - STMicroelectronics HCF4047B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
September 2001
s
LOW POWER CONSUMPTION : SPECIAL
CMOS OSCILLATOR CONFIGURATION
s
MONOSTABLE (one - shot) OR ASTABLE
(free-running) OPERATION
s
TRUE AND COMPLEMENTED BUFFERED
OUTPUTS
s
ONLY ONE EXTERNAL R AND C REQUIRED
s
BUFFERED INPUTS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
STANDARDIZED, SYMMETRICAL OUTPUT
CHARACTERISTICS
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4047B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4047B consist of a gatable astable
multivibrator with logic techniques incorporated to
permit
positive
or
negative
edge-triggered
monostable multivibrator action with retriggering
and external counting options. Inputs include
+TRIGGER -TRIGGER, ASTABLE, ASTABLE,
RETRIGGER, and EXTERNAL RESET. Buffered
outputs are Q, Q and OSCILLATOR. In all modes
of operation, an external capacitor must be
connected between C-Timing and RC-Common
terminals, and an external resistor must be
connected
between
the
R-Timing
and
RC-Common terminals.
For operating modes see functional terminal
connections and application notes.
HCF4047B
LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4047BEY
SOP
HCF4047BM1
HCF4047M013TR
DIP
SOP


Similar Part No. - HCF4047B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4047B STMICROELECTRONICS-HCF4047B Datasheet
302Kb / 15P
LOW-POWELOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
Jun-1989
HCF4047BC1 STMICROELECTRONICS-HCF4047BC1 Datasheet
302Kb / 15P
LOW-POWELOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
Jun-1989
HCF4047BEY STMICROELECTRONICS-HCF4047BEY Datasheet
302Kb / 15P
LOW-POWELOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
Jun-1989
HCF4047BM1 STMICROELECTRONICS-HCF4047BM1 Datasheet
302Kb / 15P
LOW-POWELOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
Jun-1989
More results

Similar Description - HCF4047B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4047B PHILIPS-HEF4047B Datasheet
279Kb / 15P
Monostable/astable multivibrator
January 1995
logo
STMicroelectronics
HCC4047B STMICROELECTRONICS-HCC4047B Datasheet
302Kb / 15P
LOW-POWELOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
Jun-1989
logo
Texas Instruments
CD4047B TI-CD4047B Datasheet
508Kb / 15P
CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC Datasheet
85Kb / 9P
Low Power Monostable/Astable Multivibrator
logo
Intersil Corporation
CD4047BMS INTERSIL-CD4047BMS Datasheet
127Kb / 15P
CMOS Low-Power Monostable/Astable Multivibrator
December 1992
logo
National Semiconductor ...
CD4047BC NSC-CD4047BC Datasheet
138Kb / 6P
Low Power Monostable/Astable Multivibrator
CD4047BM NSC-CD4047BM Datasheet
138Kb / 6P
Low Power Monostable/Astable Multivibrator
logo
Micro Electronics
MMC4047 MICRO-ELECTRONICS-MMC4047 Datasheet
240Kb / 6P
LOW POWER MONOSTABLE ASTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC_02 Datasheet
94Kb / 9P
Low Power Monostable/Astable Multivibrator
logo
Nexperia B.V. All right...
HEF4047B NEXPERIA-HEF4047B Datasheet
276Kb / 22P
Monostable/astable multivibrator
Rev. 6 - 17 March 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com