Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD49330AF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD49330AF
Description  CDS/PGA & 12-bit A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49330AF Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD49330AF Datasheet HTML 1Page - Renesas Technology Corp HD49330AF Datasheet HTML 2Page - Renesas Technology Corp HD49330AF Datasheet HTML 3Page - Renesas Technology Corp HD49330AF Datasheet HTML 4Page - Renesas Technology Corp HD49330AF Datasheet HTML 5Page - Renesas Technology Corp HD49330AF Datasheet HTML 6Page - Renesas Technology Corp HD49330AF Datasheet HTML 7Page - Renesas Technology Corp HD49330AF Datasheet HTML 8Page - Renesas Technology Corp HD49330AF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Rev.1.0, Apr.05.2004, page 1 of 19
HD49330AF/AHF
CDS/PGA & 12-bit A/D Converter
REJ03F0102-0100Z
(Previous: ADE-207-344)
Rev.1.0
Apr.05.2004
Description
The HD49330AF/AHF is a CMOS IC that provides CDS-PGA analog processing (CDS/PGA) suitable for CCD camera
digital signal processing systems together with a 12-bit A/D converter in a single chip.
Functions
• Correlated double sampling
• PGA
• Offset compensation
• Serial interface control
• 12-bit ADC
• Operates using only the 3 V voltage
• Corresponds to switching mode of power dissipation and operating frequency
Power dissipation: 150 mW (Typ), maximum frequency: 36 MHz
Power dissipation: 80 mW (Typ), maximum frequency: 20 MHz
• ADC direct input mode
• Y-IN direct input mode
• QFP 48-pin package
Features
• Suppresses low-frequency noise output from CCD by the S/H type correlated double sampling.
• The S/H response frequency characteristics for the reference level can be adjusted using values of external parts and
registers.
• High sensitivity is achieved due to the high S/N ratio and a wide coverage provided by a PG amplifier.
• Feedback is used to compensate and reduce the DC offsets including the output DC offset due to PGA gain change
and the CCD offset in the CDS (correlated double sampling) amplifier input.
• PGA, standby mode, etc., is achieved via a serial interface.
• High precision is provided by a 12-bit-resolution A/D converter.


Similar Part No. - HD49330AF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD49330AF RENESAS-HD49330AF_15 Datasheet
247Kb / 22P
CDS/PGA & 12-bit A/D Converter
More results

Similar Description - HD49330AF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD49338F RENESAS-HD49338F Datasheet
247Kb / 23P
CDS/PGA & 12-bit A/D Converter
HD49338NP RENESAS-HD49338NP Datasheet
258Kb / 23P
CDS/PGA & 12-bit A/D Converter
HD49340F RENESAS-HD49340F Datasheet
240Kb / 23P
CDS/PGA & 10-bit A/D Converter
HD49340NP RENESAS-HD49340NP Datasheet
232Kb / 22P
CDS/PGA & 10-bit A/D Converter
HD49343NPHNP RENESAS-HD49343NPHNP_15 Datasheet
223Kb / 23P
CDS/PGA & 12-bit A/D Converter
HD49330AF RENESAS-HD49330AF_15 Datasheet
247Kb / 22P
CDS/PGA & 12-bit A/D Converter
HD49338F RENESAS-HD49338F_15 Datasheet
295Kb / 25P
CDS/PGA & 12-bit A/D Converter
HD49338NP RENESAS-HD49338NP_15 Datasheet
294Kb / 25P
CDS/PGA & 12-bit A/D Converter
HD49340F RENESAS-HD49340F_15 Datasheet
271Kb / 25P
CDS/PGA & 10-bit A/D Converter
HD49343NP RENESAS-HD49343NP Datasheet
222Kb / 23P
CDS/PGA & 12-bit A/D Converter
Jul 06, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com